Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5750 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5750
Description  Industrial Current/Voltage Output Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5750 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5750 Datasheet HTML 9Page - Analog Devices AD5750 Datasheet HTML 10Page - Analog Devices AD5750 Datasheet HTML 11Page - Analog Devices AD5750 Datasheet HTML 12Page - Analog Devices AD5750 Datasheet HTML 13Page - Analog Devices AD5750 Datasheet HTML 14Page - Analog Devices AD5750 Datasheet HTML 15Page - Analog Devices AD5750 Datasheet HTML 16Page - Analog Devices AD5750 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
AD5750/AD5750-1/AD5750-2
Rev. D | Page 13 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
VOLTAGE OUTPUT
0.0020
–0.0030
–0.0025
–0.0020
–0.0015
–0.0010
–0.0005
0
0.0005
0.0010
0.0015
0
4.096
3.511
2.926
2.341
1.755
1.170
0.585
VIN (V)
+5V
+10V
±5V
±10V
AVDD = +24V
AVSS = –24V
Figure 5. Integral Nonlinearity Error vs. VIN
0.005
–0.005
–0.004
–0.003
–0.002
–0.001
0
0.001
0.002
0.003
0.004
105
25
–40
TEMPERATURE (°C)
AVDD = +24V
AVSS = –24V
+5V LINEARITY, NO LOAD
+10V LINEARITY, NO LOAD
±5V LINEARITY, NO LOAD
±10V LINEARITY, NO LOAD
Figure 6. Integral Nonlinearity Error vs. Temperature
0.006
–0.010
–0.008
–0.006
–0.004
–0.002
0.004
0.002
0
0
4.096
3.511
2.926
2.341
1.755
1.170
0.585
VIN (V)
+5V
+10V
±5V
±10V
AVDD = +24V
AVSS = –24V
Figure 7. Total Unadjusted Error (TUE) vs. VIN
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
105
25
–40
TEMPERATURE (°C)
+5V POSITIVE TUE, NO LOAD
+10V POSITIVE TUE, NO LOAD
±5V POSITIVE TUE, NO LOAD
±10V POSITIVE TUE, NO LOAD
+5V NEGATIVE TUE, NO LOAD
+10V NEGATIVE TUE, NO LOAD
±5V NEGATIVE TUE, NO LOAD
±10V NEGATIVE TUE, NO LOAD
Figure 8. Total Unadjusted Error (TUE) vs. Temperature
0.03
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
105
25
–40
TEMPERATURE (°C)
+5V RANGE, FULL-SCALE ERROR
+10V RANGE, FULL-SCALE ERROR
±5V RANGE, FULL-SCALE ERROR
±10V RANGE, FULL-SCALE ERROR
Figure 9. Full-Scale Error vs. Temperature
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
105
25
–40
TEMPERATURE (°C)
±5V ZERO ERROR
±10V ZERO ERROR
AVDD = +24V
AVSS = –24V
Figure 10. Bipolar Zero Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com