Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2302 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP2302
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP2302 Datasheet HTML 23Page - Analog Devices ADP2302 Datasheet HTML 24Page - Analog Devices ADP2302 Datasheet HTML 25Page - Analog Devices ADP2302 Datasheet HTML 26Page - Analog Devices ADP2302 Datasheet HTML 27Page - Analog Devices ADP2302 Datasheet HTML 28Page - Analog Devices ADP2302 Datasheet HTML 29Page - Analog Devices ADP2302 Datasheet HTML 30Page - Analog Devices ADP2302 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Data Sheet
AD5737
Rev. B | Page 27 of 44
CONTROL REGISTERS
When writing to a control register, the format shown in Table 18
must be used. See Table 11 for information about the configura-
tion of Bit D23 to Bit D16. The control registers are addressed
by setting the DREG[2:0] bits (Bits[D20:D18] in the input shift
register) to 111 and then setting the CREG[2:0] bits to select the
specific control register (see Table 19).
Main Control Register
The main control register options are shown in Table 20 and
Table 21. See the Device Features section for more information
about the features controlled by the main control register.
Table 18. Input Shift Register for a Write Operation to a Control Register
MSB
LSB
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12 to D0
R/W
DUT_AD1
DUT_AD0
1
1
1
DAC_AD1
DAC_AD0
CREG2
CREG1
CREG0
Data
Table 19. Control Register Addresses (CREG[2:0] Bits)
CREG2 (D15)
CREG1 (D14)
CREG0 (D13)
Control Register
0
0
0
Slew rate control register (one per channel)
0
0
1
Main control register
0
1
0
DAC control register (one per channel)
0
1
1
DC-to-DC control register
1
0
0
Software register
Table 20. Programming the Main Control Register
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3 to D0
0
0
1
0
STATREAD
EWD
WD1
WD0
X1
X1
OUTEN_ALL DCDC_ALL
X1
1
X = don’t care.
Table 21. Main Control Register Bit Descriptions
Bit Name
Description
STATREAD
Enable status readback during a write. See the Status Readback During a Write section.
0 = disable status readback (default).
1 = enable status readback.
EWD
Enable the watchdog timer. See the Watchdog Timer section.
0 = disable the watchdog timer (default).
1 = enable the watchdog timer.
WD1, WD0
Timeout select bits. Used to select the timeout period for the watchdog timer.
WD1
WD0
Timeout Period (ms)
0
0
5
0
1
10
1
0
100
1
1
200
OUTEN_ALL
Setting this bit to 1 enables the output on all four DACs simultaneously. Do not use the OUTEN_ALL bit when using the
OUTEN bit in the DAC control register.
DCDC_ALL
Setting this bit to 1 powers up the dc-to-dc converter on all four channels simultaneously. To power down the dc-to-dc
converters, all channel outputs must first be disabled. Do not use the DCDC_ALL bit when using the DC_DC bit in the
DAC control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com