Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5686R Datasheet(PDF) 3 Page - Analog Devices

Part # AD5686R
Description  Quad, 16-/14-/12-Bit nanoDAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686R Datasheet(HTML) 3 Page - Analog Devices

  AD5686R Datasheet HTML 1Page - Analog Devices AD5686R Datasheet HTML 2Page - Analog Devices AD5686R Datasheet HTML 3Page - Analog Devices AD5686R Datasheet HTML 4Page - Analog Devices AD5686R Datasheet HTML 5Page - Analog Devices AD5686R Datasheet HTML 6Page - Analog Devices AD5686R Datasheet HTML 7Page - Analog Devices AD5686R Datasheet HTML 8Page - Analog Devices AD5686R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
AD5686R/AD5685R/AD5684R
Rev. 0 | Page 3 of 32
SPECIFICATIONS
VDD = 2.7 V to 5.5 V; 1.8 V ≤ VLOGIC ≤ 5.5 V; all specifications TMIN to TMAX, unless otherwise noted. RL = 2 kΩ; CL = 200 pF.
Table 2.
A Grade1
B Grade1
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE2
AD5686R
Resolution
16
16
Bits
Relative Accuracy
±2
±8
±1
±2
LSB
Gain = 2
±2
±8
±1
±3
Gain = 1
Differential Nonlinearity
±1
±1
LSB
Guaranteed monotonic by design
AD5685R
Resolution
14
14
Bits
Relative Accuracy
±0.5
±4
±0.5
±1
LSB
Differential Nonlinearity
±1
±1
LSB
Guaranteed monotonic by design
AD5684R
Resolution
12
12
Bits
Relative Accuracy
±0.12
±2
±0.12
±1
LSB
Differential Nonlinearity
±1
±1
LSB
Guaranteed monotonic by design
Zero-Code Error
0.4
4
0.4
1.5
mV
All zeros loaded to DAC register
Offset Error
+0.1
±4
+0.1
±1.5
mV
Full-Scale Error
+0.01
±0.2
+0.01
±0.1
% of
FSR
All ones loaded to DAC register
Gain Error
±0.02
±0.2
±0.02
±0.1
% of
FSR
Total Unadjusted Error
±0.01
±0.25
±0.01
±0.1
% of
FSR
External reference; gain = 2; TSSOP
±0.25
±0.2
% of
FSR
Internal reference; gain = 1; TSSOP
Offset Error Drift3
±1
±1
µV/°C
Gain Temperature
Coefficient3
±1
±1
ppm
Of FSR/°C
DC Power Supply Rejection
Ratio3
0.15
0.15
mV/V
DAC code = midscale; VDD = 5 V ± 10%
DC Crosstalk3
±2
±2
µV
Due to single channel, full-scale
output change
±3
±3
µV/mA
Due to load current change
±2
±2
µV
Due to powering down (per channel)
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VREF
0
VREF
V
Gain = 1
0
2 × VREF
0
2 × VREF
V
Gain = 2, see Figure 34
Capacitive Load Stability
2
2
nF
RL = ∞
10
10
nF
RL = 1 kΩ
Resistive Load4
1
1
kΩ
Load Regulation
80
80
µV/mA
5 V ± 10%, DAC code = midscale;
−30 mA ≤ IOUT ≤ 30 mA
80
80
µV/mA
3 V ± 10%, DAC code = midscale;
−20 mA ≤ IOUT ≤ 20 mA
Short-Circuit Current5
40
40
mA
Load Impedance at Rails6
25
25
Ω
See Figure 34
Power-Up Time
2.5
2.5
µs
Coming out of power-down mode;
VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com