Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5686R Datasheet(PDF) 9 Page - Analog Devices

Part # AD5686R
Description  Quad 16-/14-/12-Bit nanoDAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686R Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5686R Datasheet HTML 5Page - Analog Devices AD5686R Datasheet HTML 6Page - Analog Devices AD5686R Datasheet HTML 7Page - Analog Devices AD5686R Datasheet HTML 8Page - Analog Devices AD5686R Datasheet HTML 9Page - Analog Devices AD5686R Datasheet HTML 10Page - Analog Devices AD5686R Datasheet HTML 11Page - Analog Devices AD5686R Datasheet HTML 12Page - Analog Devices AD5686R Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD5696R/AD5695R/AD5694R
Rev. 0 | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Internal Reference Voltage vs. Temperature (Grade B)
Figure 6. Internal Reference Voltage vs. Temperature (Grade A)
Figure 7. Reference Output Temperature Drift Histogram
Figure 8. Reference Long-Term Stability/Drift
Figure 9. Internal Reference Noise Spectral Density vs. Frequency
Figure 10. Internal Reference Noise, 0.1 Hz to 10 Hz
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
DEVICE 5
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
VDD = 5V
–40
–20
0
20
40
60
80
120
100
TEMPERATURE (°C)
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
DEVICE 5
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
VDD = 5V
90
0
10
20
30
40
50
60
70
80
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TEMPERATURE DRIFT (ppm/°C)
VDD = 5V
60
0
10
20
30
40
50
2.498
2.499
2.500
2.501
2.502
VREF (V)
0 HOUR
168 HOURS
500 HOURS
1000 HOURS
VDD = 5.5V
1600
0
200
400
600
800
1000
1200
1400
10
100
1k
10k
100k
1M
FREQUENCY (MHz)
VDD = 5V
TA = 25°C
CH1 10µV
M1.0s
A CH1
160mV
1
T
VDD = 5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com