Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8293 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8293
Description  Wide Supply Range, Micropower,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8293 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8293 Datasheet HTML 7Page - Analog Devices AD8293 Datasheet HTML 8Page - Analog Devices AD8293 Datasheet HTML 9Page - Analog Devices AD8293 Datasheet HTML 10Page - Analog Devices AD8293 Datasheet HTML 11Page - Analog Devices AD8293 Datasheet HTML 12Page - Analog Devices AD8293 Datasheet HTML 13Page - Analog Devices AD8293 Datasheet HTML 14Page - Analog Devices AD8293 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD8420
Rev. 0 | Page 11 of 28
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
1.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
OUTPUT VOLTAGE (V)
VREF = 2.5V
RL = 10kΩ TO MIDSUPPLY
+2.5V, –0.1V
+3.03V, +0.16V
+3.03V, +2.46V
+2.5V, +2.8V
+1.5V, +0.4V
+1.5V, +2.3V
Figure 15. Input Common-Mode Voltage vs. Output Voltage,
G = 1, VS = 5 V, VREF = 2.5 V
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.1
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
OUTPUT VOLTAGE (V)
+4mV, +0.5V
+4mV, –0.1V
+0.6V, +0.2V
Figure 16. Input Common-Mode Voltage vs. Output Voltage, G = 1, VS = 2.7 V
20
15
10
5
0
–5
–10
–15
–20
–20
20
15
10
5
0
–5
–10
–15
OUTPUT VOLTAGE (V)
–14.9V, +12.7V
–14.9V, –15.0V
0.0V, –15.1V
0.0V, +12.8V
+14.8V, +12.7V
+14.8V, –15.0V
Figure 17. Input Common-Mode Voltage vs. Output Voltage,
G = 100, VS = ±15 V
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–0.5
5.5
5.0
4.5
3.5
2.5
4.0
3.0
2.0
1.5
1.0
00.5
OUTPUT VOLTAGE (V)
+44mV, +2.8V
+44mV, –0.1V
+4.8V, +2.78V
+4.8V, –80mV
Figure 18. Input Common-Mode Voltage vs. Output Voltage,
G = 100, VS = 5 V
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–0.5
5.5
5.0
4.5
3.5
2.5
4.0
3.0
2.0
1.5
1.0
00.5
OUTPUT VOLTAGE (V)
+86mV, +2.79V
+86mV, –90mV
+2.5V, +2.8V
+2.5V, –0.1V
+4.8V, +2.79V
+4.8V, –90mV
Figure 19. Input Common-Mode Voltage vs. Output Voltage,
G = 100, VS = 5 V, VREF = 2.5 V
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.5
3.0
2.5
2.0
1.5
1.0
00.5
OUTPUT VOLTAGE (V)
+29mV, +0.5V
+29mV, –0.1V
+2.53V, +0.49V
+2.53V, –90mV
Figure 20. Input Common-Mode Voltage vs. Output Voltage,
G = 100, VS = 2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com