Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD627 Datasheet(PDF) 1 Page - Analog Devices

Part # AD627
Description  Wide Supply Range, Micropower,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627 Datasheet(HTML) 1 Page - Analog Devices

  AD627 Datasheet HTML 1Page - Analog Devices AD627 Datasheet HTML 2Page - Analog Devices AD627 Datasheet HTML 3Page - Analog Devices AD627 Datasheet HTML 4Page - Analog Devices AD627 Datasheet HTML 5Page - Analog Devices AD627 Datasheet HTML 6Page - Analog Devices AD627 Datasheet HTML 7Page - Analog Devices AD627 Datasheet HTML 8Page - Analog Devices AD627 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Wide Supply Range, Micropower,
Rail-to-Rail Instrumentation Amplifier
Data Sheet
AD8420
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Maximum supply current: 80 μA
Minimum CMRR: 100 dB
Drives heavy capacitive loads: ~700 pF
Rail-to-rail output
Input voltage range goes below ground
Gain set with 2 external resistors
Can achieve low gain drift at any gain
Very wide power supply range
Single supply: 2.7 V to 36 V
Dual supply: ±2.7 V to ±18 V
Bandwidth (G = 100): 2.5 kHz
Input voltage noise: 55 nV/√Hz
High dc precision
Maximum offset voltage: 125 μV
Maximum offset drift: 1 μV/
°C
Maximum differential input voltage: ±1 V
8-lead MSOP package
APPLICATIONS
Bridge amplifiers
Pressure measurement
Medical instrumentation
Portable data acquisition
Multichannel systems
PIN CONFIGURATION
NC 1
+IN 2
–IN 3
–VS 4
VOUT
8
FB
7
REF
6
+VS
5
AD8420
TOP VIEW
(Not to Scale)
+
+
Figure 1.
Table 1. Instrumentation Amplifiers by Category1
General Purpose
Zero
Drift
Military
Grade
Low
Power
Digital
Gain
AD8221, AD8222
AD8231
AD620
AD8420
AD8250
AD8220, AD8224
AD8290
AD621
AD8235,
AD8236
AD8251
AD8226, AD8227
AD8293
AD524
AD627
AD8253
AD8228
AD8553
AD526
AD8226,
AD8227
AD8231
AD8295, AD8224
AD8556
AD624
AD623
AD8557
AD8223
1 See www.analog.com for the latest instrumentation amplifiers.
GENERAL DESCRIPTION
The AD8420 is a low cost, micropower, wide supply range,
instrumentation amplifier with a rail-to-rail output and a novel
architecture that allows for extremely flexible design. It is optimized
to amplify small differential voltages in the presence of large
common-mode signals.
The AD8420 is based on an indirect current feedback architecture
that gives it an excellent input common-mode range. Unlike
conventional instrumentation amplifiers, the AD8420 can easily
amplify signals at or even slightly below ground without requiring
dual supplies. The AD8420 has rail-to-rail output, and the output
voltage swing is completely independent of the input common-
mode voltage.
Single-supply operation, micropower current consumption, and
rail-to-rail output swing make the AD8420 ideal for battery-
powered applications. Its rail-to-rail output stage maximizes
dynamic range when operating from low supply voltages. Dual-
supply operation (±15 V) and low power consumption make
the AD8420 ideal for a wide variety of applications in medical
or industrial instrumentation.
The AD8420 is available in an 8-lead MSOP package. Performance
is specified over the full temperature range of −40°C to +85°C,
and the part is operational from −40°C to +125°C.


Similar Part No. - AD627

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV.A
AD627 AD-AD627 Datasheet
595Kb / 24P
Precision, Dual-Channel Instrumentation Amplifier
7/06-Revision 0
AD627 AD-AD627 Datasheet
1Mb / 24P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
AD627 AD-AD627 Datasheet
378Kb / 20P
Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD627 AD-AD627 Datasheet
805Kb / 28P
Wide Supply Range, Rail-to-Rail
REV. 0
More results

Similar Description - AD627

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
Estek Electronics Co. L...
LM324 ESTEK-LM324 Datasheet
169Kb / 4P
Wide range of supply voltages
REV No:01-060817
logo
Advanced Monolithic Sys...
AMS324 AMS-AMS324 Datasheet
300Kb / 4P
Wide range of supply voltages
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
Wide supply voltage range
logo
Texas Instruments
TL499A TI1-TL499A Datasheet
843Kb / 19P
Wide-Range Power-Supply Controllers
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
Wide operating supply range
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
Wide Power Supply Range
logo
Analog Devices
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com