Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8141ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8141ACPZ-R7
Description  Low Cost, Triple Differential Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8141ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8141ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD8141/AD8142
Rev. 0 | Page 23 of 24
TYPICAL AD8142 5 V APPLICATION CIRCUIT
Figure 49 illustrates a typical AD8142 application circuit on a single 5 V supply.
×2
B
G
R
AD8142
12
3
4
5
6
19
20
21
22
23
24
12
11
10
9
8
7
17
18
16 15 14 13
0.01µF
+5V
38.3Ω
49.9Ω
49.9Ω
49.9Ω
49.9Ω
49.9Ω
49.9Ω
38.3Ω
17.8kΩ
80.6Ω
2kΩ
80.6Ω
38.3Ω
80.6Ω
0.01µF
DIFFERENTIAL BLUE VIDEO OUT
DIFFERENTIAL GREEN VIDEO OUT
DIFFERENTIAL RED VIDEO OUT
0.01µF
0.01µF
0.01µF
+5V
+5V
+5V
BLUE VIDEO IN
HSYNC
VSYNC
GREEN VIDEO IN
RED VIDEO IN
DISABLE
+
+
+
Figure 49. Typical AD8142 Application Circuit on a Single 5 V Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com