Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9577 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9577
Description  Clock Generator with Dual PLLs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9577 Datasheet HTML 32Page - Analog Devices AD9577 Datasheet HTML 33Page - Analog Devices AD9577 Datasheet HTML 34Page - Analog Devices AD9577 Datasheet HTML 35Page - Analog Devices AD9577 Datasheet HTML 36Page - Analog Devices AD9577 Datasheet HTML 37Page - Analog Devices AD9577 Datasheet HTML 38Page - Analog Devices AD9577 Datasheet HTML 39Page - Analog Devices AD9577 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
AD9577
Data Sheet
Rev. 0 | Page 36 of 44
Table 27. CkDiv and FracStep Values Used in Worked Example
CkDiv
Ideal
FracStep
Rounded FracStep
Table 26 shows the relevant register names and programmable
ranges.
Table 26. Registers Used to Program SSCG Operation
Parameter
FracStep Error
2
−1.5675
−2
21.6%
Register Name
Range
NumSteps
3
−2.35125
−2
17.6%
BS2[7:0], BS3[7]
+1 to +511
FracStep
4
−3.135
−3
4.5%
BS1[7:0]
−128 to 0
5
−3.91875
−4
2.0%
CkDiv
BS3[6:0]
+2 to +127
6
−4.7025
−5
6.0%
7
−5.48625
−5
9.7%
Because the register values need to be expressed as integers,
there are no guaranteed exact solutions; therefore, some
approximations and trade-offs must be made. The fact that
neither FracRange nor fMOD needs to be exact is exploited.
Note that the SSCG pin must be toggled every time the SSCG
parameters are adjusted for the changes to take effect.
8
−6.27
−6
4.5%
9
−7.05375
−7
0.77%
10
−7.8375
−8
2.0%
Both CkDiv and NumSteps must be integers. To minimize error,
CkDiv = 9 and FracStep = −7 was chosen. With a target for
FracRange = −313.5, Equation 12 is used to find the ideal value of
NumSteps = 44.79, which is rounded to 45. From Equation 12,
the actual used value for FracRange is
Worked Example: Programming for fMOD = 31.25 kHz,
Downspread = −0.5%, fPFD = 25 MHz
Assume Nb = 100, MOD = 625, and FRAC = 198. In addition, a
large number of frequency steps are desired to cover −0.5%. The
objective is to find values for FracStep, NumSteps, and CkDiv
that result in the required frequency modulation profile.
FracRange = −7 × 45 = −315
The accuracy of this solution needs to be verified. Putting the
derived values into Equation 13 gives
The total feedback divider ratio is
kHz
30.86
9
45
2
MHz
25
2
=
×
×
=
×
×
=
CkDiv
NumSteps
f
f
PFD
MOD
NTOT = Nb +
MOD
FRAC
= 100 + 198/625 = 62,698/625
FracRange is set to −0.5% of 62,698, which results in an ideal
value of −313.5.
By rearranging Equation 12 and Equation 13, it results in
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
×
=
PFD
MOD
f
f
FracRange
CkDiv
FracStep
2
(14)
In addition, the percentage frequency deviation is obtained as
%
502
.
0
625
62698
625
315
100
100
−
=
×
−
×
=
×
×
=
TOT
N
MOD
FracRange
eviation
FrequencyD
The fMOD and the percentage frequency deviation are very close to
the target values. The register settings required for this example
are detailed in Table 29.
Putting in the values for FracRange, fMOD, and fPFD from the
previous information, the following results:
FracStep = CkDiv × (−0.78375)
(15)
SSCG Register Summary
An approximate solution must be found to Equation 15 that
produces an integer value for CkDiv, which gives a value that is
very close to an integer for FracStep. In this case, considering
CkDiv values in the range of 2 to 10 gives the FracStep values
shown in Table 27.
Table 28 summarizes the programmable registers required to set
up SSCG.
Table 28. Register Values for SSCG
Parameter
Register Names
Range
NumSteps
BS2[7:0], BS3[7]
+1 to +511
FracStep
BS1[7:0]
−128 to 0
CkDiv
BS3[6:0]
+2 to +127
FRAC
BF0[7:0], BF1[7:4]
0 to +4094
MOD
BF1[3:0], BF2[7:0]
0 to +4095
Nb
BF3[5:0]
0 to +51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com