Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9577BCPZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9577BCPZ
Description  Clock Generator with Dual PLLs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9577BCPZ Datasheet HTML 23Page - Analog Devices AD9577BCPZ Datasheet HTML 24Page - Analog Devices AD9577BCPZ Datasheet HTML 25Page - Analog Devices AD9577BCPZ Datasheet HTML 26Page - Analog Devices AD9577BCPZ Datasheet HTML 27Page - Analog Devices AD9577BCPZ Datasheet HTML 28Page - Analog Devices AD9577BCPZ Datasheet HTML 29Page - Analog Devices AD9577BCPZ Datasheet HTML 30Page - Analog Devices AD9577BCPZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Data Sheet
AD9577
Rev. 0 | Page 27 of 44
DETAILED BLOCK DIAGRAM
XTAL
OSC
REFCLK
XT1
XT2
MARGIN
SSCG
MAX_BW
REFSEL
CMOS
AD9577
DIVIDE
1 OR 2
SCL
SDA
I2C
CONTROL
22pF
22pF
VCO
2.15GHz
TO
2.55GHz
LDO1
DIVIDE BY
80 TO 131
FEEDBACK
DIVIDER
PLL1
NA
DIVIDE BY
2TO 6
DIVIDE BY
1TO 32
LVPECL/LVDS
REFOUT
OR 2 × CMOS
V0
D0
FORMAT1
DIVIDE BY
2TO 6
DIVIDE BY
1TO 32
LVPECL/LVDS
OR 2 × CMOS
V1
D1
VCO
DIVIDERS
OUTPUT
DIVIDERS
OUTPUT
BUFFERS
VCO
2.15GHz
TO
2.55GHz
LDO2
DIVIDE BY
80 TO 131
FEEDBACK
DIVIDER
PLL2
NB
DIVIDE BY
2TO 6
DIVIDE BY
1TO 32
LVPECL/LVDS
OR 2 × CMOS
V2
D2
FORMAT2
DIVIDE BY
2TO 6
DIVIDE BY
1TO 32
LVPECL/LVDS
OR 2 × CMOS
V3
D3
SDM
VCO
DIVIDERS
OUTPUT
DIVIDERS
OUTPUT
BUFFERS
3-BIT
0
1
FRAC
FRAC_TRIWAVE
SSCG
MOD
fPFD
CKDIV
FRAC
FRACSTEP
NUMSTEPS
SSCG
TRIWAVE
GENERATOR
FRAC_TRIWAVE
220nF
LDO
4× GND +
PADDLE
14× VS
Figure 32. Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com