Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9557/PCBZ Datasheet(PDF) 89 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 89 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 84Page - Analog Devices AD9557/PCBZ Datasheet HTML 85Page - Analog Devices AD9557/PCBZ Datasheet HTML 86Page - Analog Devices AD9557/PCBZ Datasheet HTML 87Page - Analog Devices AD9557/PCBZ Datasheet HTML 88Page - Analog Devices AD9557/PCBZ Datasheet HTML 89Page - Analog Devices AD9557/PCBZ Datasheet HTML 90Page - Analog Devices AD9557/PCBZ Datasheet HTML 91Page - Analog Devices AD9557/PCBZ Datasheet HTML 92Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
Data Sheet
AD9557
Rev. A | Page 89 of 92
Table 120. EEPROM Storage Sequence for Operational Control Settings
Address
Bits
Bit Name
Description
0x0E37
[7:0]
Operational controls
The default value of this register is 0x0D, which the controller interprets as a data instruction. Its
decimal value is 13, so this tells the controller to transfer 14 bytes of data (13 + 1), beginning at
the address specified by the next two bytes. The controller stores 0x0D in the EEPROM and
increments the EEPROM address pointer.
0x0E38
[7:0]
0x0E39
[7:0]
The default value of these two registers is 0x0A00. Note that Register 0x0E38 and Register 0x0E39
are the most significant and least significant bytes of the target address, respectively. Because
the previous register contains a data instruction, these two registers define a starting address
(in this case, 0x0A00). The controller stores 0x0A00 in the EEPROM and increments the EEPROM
pointer by 2. It then transfers 14 bytes from the register map (beginning at Address 0x0A00) to
the EEPROM and increments the EEPROM address pointer by 15 (14 data bytes and one checksum
byte). The 14 bytes transferred correspond to the operational controls parameters in the register map.
Table 121. EEPROM Storage Sequence for APLL Calibration
Address
Bits
Bit Name
Description
0x0E3A
[7:0]
Calibrate APLL
The default value of this register is 0xA0, which the controller interprets as a calibrate instruction.
The controller stores 0xA0 in the EEPROM and increments the EEPROM address pointer.
0x0E3B
[7:0]
I/O update
The default value of this register is 0x80, which the controller interprets as an I/O update instruction.
The controller stores 0x80 in the EEPROM and increments the EEPROM address pointer.
Table 122. EEPROM Storage Sequence for End of Data
Address
Bits
Bit Name
Description
0x0E3C
[7:0]
End of data
The default value of this register is 0xFF, which the controller interprets as an end instruction.
The controller stores this instruction in the EEPROM, resets the EEPROM address pointer, and
enters an idle state.
Note that if this is a pause rather than an end instruction, the controller actions are the same
except that the controller increments the EEPROM address pointer rather than resetting it.
Table 123. Available for Additional EEPROM Instructions
Address
Bits
Bit Name
Description
0x0E3D
to 0xE45
[7:0]
Unused
This area is available for additional EEPROM instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com