Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7942 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7942
Description  16-Bit Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7942 Datasheet HTML 16Page - Analog Devices AD7942 Datasheet HTML 17Page - Analog Devices AD7942 Datasheet HTML 18Page - Analog Devices AD7942 Datasheet HTML 19Page - Analog Devices AD7942 Datasheet HTML 20Page - Analog Devices AD7942 Datasheet HTML 21Page - Analog Devices AD7942 Datasheet HTML 22Page - Analog Devices AD7942 Datasheet HTML 23Page - Analog Devices AD7942 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD7988-1/AD7988-5
Data Sheet
Rev. B | Page 20 of 24
CHAIN MODE
This mode can be used to daisy-chain multiple AD7988-x
devices on a 3-wire serial interface. This feature is useful for
reducing component count and wiring connections, for example,
in isolated multiconverter applications or for systems with a
limited interfacing capacity. Data readback is analogous to
clocking a shift register.
A connection diagram example using two AD7988-x devices is
shown in Figure 38, and the corresponding timing is given in
Figure 39.
When SDI and CNV are low, SDO is driven low. With SCK low,
a rising edge on CNV initiates a conversion and selects the chain
mode. In this mode, CNV is held high during the conversion
phase and the subsequent data readback. When the conversion
is complete, the MSB is output onto SDO and the AD7988-x
enters the acquisition phase and powers down. The remaining
data bits stored in the internal shift register are clocked by
subsequent SCK falling edges. For each ADC, SDI feeds the
input of the internal shift register and is clocked by the SCK
falling edge. Each ADC in the chain outputs its data MSB first,
and 16 × N clocks are required to read back the N ADCs. The
data is valid on both SCK edges. Although the rising edge can
be used to capture the data, a digital host using the SCK falling
edge allows a faster reading rate and, consequently, more
AD7988-x devices in the chain, provided that the digital host
has an acceptable hold time. The maximum conversion rate
may be reduced due to the total readback time.
DIGITAL HOST
CONVERT
CLK
DATA IN
AD7988-1/
AD7988-5
SDO
CNV
A
SCK
AD7988-1/
AD7988-5
SDO
CNV
B
SCK
SDI
SDI
Figure 38. Chain Mode Connection Diagram
tCONV
tCYC
tSSDISCK
tSCKL
tSCK
tHSDISCK
tACQ
ACQUISITION
tSSCKCNV
ACQUISITION
tSCKH
CONVERSION
tHSCKCNV
SCK
CNV
SDOB
tEN
DA15
DA14
DA13
DB15
DB14
DB13
DB1
DB0
DA15
DA14
DA0
DA1
DA1
DA0
tHSDO
1
2
3
15
16
17
14
18
30
31
32
tDSDO
SDIA = 0
SDOA = SDIB
Figure 39. Chain Mode Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com