Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9739ABBCZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9739ABBCZ
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739ABBCZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9739ABBCZ Datasheet HTML 55Page - Analog Devices AD9739ABBCZ Datasheet HTML 56Page - Analog Devices AD9739ABBCZ Datasheet HTML 57Page - Analog Devices AD9739ABBCZ Datasheet HTML 58Page - Analog Devices AD9739ABBCZ Datasheet HTML 59Page - Analog Devices AD9739ABBCZ Datasheet HTML 60Page - Analog Devices AD9739ABBCZ Datasheet HTML 61Page - Analog Devices AD9739ABBCZ Datasheet HTML 62Page - Analog Devices AD9739ABBCZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
Data Sheet
AD9737A/AD9739A
Rev. | Page 59 of 64
OUTPUT STAGE CONFIGURATION
The AD9737A/AD9739A are intended to serve high dynamic
range applications that require wide signal reconstruction
bandwidth (that is, DOCSIS CMTS) and/or high IF/RF signal
generation. Optimum ac performance can be realized only if
the DAC output is configured for differential (that is, balanced)
operation with its output common-mode voltage biased to
analog ground. The output network used to interface to the
DAC should provide a near 0 Ω dc bias path to analog ground.
Any imbalance in the output impedance between the IOUTP
and IOUTN pins results in asymmetrical signal swings that
degrade the distortion performance (mostly even order) and noise
performance. Component selection and layout are critical in
realizing the performance potential of the AD9737A/AD9739A.
MINI-CIRCUITS®
TC1-33-75G+
90Ω
90Ω
IOUTP
IOUTN
70Ω
Figure 181. Recommended Balun for Wideband Applications with Upper
Bandwidths of up to 2.2 GHz
Most applications requiring balanced-to-unbalanced conversion
can take advantage of the Ruthroff 1:1 balun configuration
shown in Figure 181. This configuration provides excellent
amplitude/phase balance over a wide frequency range while
providing a 0 Ω dc bias path to each DAC output. Also, its design
provides exceptional bandwidth and can be considered for
applications requiring signal reconstruction of up to 2.2 GHz.
The characterization plots shown in this data sheet are based
on the AD9737A/AD9739A evaluation board, which uses this
configuration. Figure 182 compares the measured frequency
response for normal and mix-mode using the AD9737A/AD9739A
evaluation board vs. the ideal frequency response.
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
0
500
1000
1500
2000
2500
3000
3500
FREQUENCY (MHz)
IDEAL BASEBAND MODE
MIX MODE
TC1-33-75G
BASEBAND
TC1-33-75G
IDEAL MIX MODE
Figure 182. Measured vs. Ideal Frequency Response for Normal (Baseband)
and Mix-Mode Operation Using a TC1-33-75G Transformer on
the AD9737A/AD9739A EVB
Figure 183 shows an interface that can be considered when
interfacing the DAC output to a self-biased differential gain
block. The inductors shown serve as RF chokes (L) that provide
the dc bias path to analog ground. The value of the inductor, along
with the dc blocking capacitors (C), determines the lower cutoff
frequency of the composite pass-band response. An RF balun
should also be considered before the RF differential gain stage and
any filtering to ensure symmetrical common-mode impedance
seen by the DAC output while suppressing any common mode
noise, harmonics, and clock spurs prior to amplification.
90Ω
IOUTP
IOUTN
70Ω
L
L
RF DIFF
AMP
C
C
OPTIONAL BALUN AND FILTER
90Ω
LPF
Figure 183. Interfacing the DAC Output to the Self-Biased Differential
Gain Stage
For applications operating the AD9737A/AD9739A in mix-mode
with output frequencies extending beyond 2.2 GHz, the circuits
shown in Figure 184 should be considered. The circuit in
Figure 184 uses a wideband balun with a configuration similar
to the one shown in Figure 183 to provide a dc bias path for the
DAC outputs. The circuit in Figure 185 takes advantage of ceramic
chip baluns to provide a dc bias path for the DAC outputs while
providing excellent amplitude/phase balance over a narrower
RF band. These low cost, low insertion loss baluns are available
for different popular RF bands and provide excellent amplitude/
phase balance over their specified frequency range.
C
C
MINI-CIRCUITS
TC1-1-462M
90Ω
IOUTP
IOUTN
70Ω
L
L
90Ω
Figure 184. Recommended Mix-Mode Configuration Offering Extended RF
Bandwidth Using a TC1-1-43A+ Balun
MURATA
JOHANSON TECHNOLOGY
CHIP BALUNS
180Ω
IOUTP
IOUTN
70Ω
Figure 185. Lowest Cost and Size Configuration for Narrow RF Band
Operation
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com