Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9739ABBCZRL Datasheet(PDF) 31 Page - Analog Devices

Part # AD9739ABBCZRL
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739ABBCZRL Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9739ABBCZRL Datasheet HTML 27Page - Analog Devices AD9739ABBCZRL Datasheet HTML 28Page - Analog Devices AD9739ABBCZRL Datasheet HTML 29Page - Analog Devices AD9739ABBCZRL Datasheet HTML 30Page - Analog Devices AD9739ABBCZRL Datasheet HTML 31Page - Analog Devices AD9739ABBCZRL Datasheet HTML 32Page - Analog Devices AD9739ABBCZRL Datasheet HTML 33Page - Analog Devices AD9739ABBCZRL Datasheet HTML 34Page - Analog Devices AD9739ABBCZRL Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
Data Sheet
AD9737A/AD9739A
Rev. | Page 31 of 64
AC (MIX-MODE)
fDAC = 2.4 GSPS, IOUTFS = 20 mA, nominal supplies, TA = 25°C, unless otherwise noted.
VBW 10kHz
STOP 2.4GHz
SWEEP 28.7s (601pts)
START 20MHz
#RES BW 10kHz
Figure 107. Single-Tone Spectrum at fOUT = 2.31 GHz, fDAC = 2.4 GSPS
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
fOUT (MHz)
Figure 108. SFDR in Mix-Mode vs. fOUT at 2.4 GSPS
VBW 300kHz
SPAN 53.84MHz
SWEEP 174.6ms (601pts)
CENTER 2.10706MHz
#RES VW 30kHz
RMS RESULTS
CARRIER POWER
–21.43dBm/
3.84MHz
FREQ
OFFSET
(MHz)
5
10
15
20
25
REF
BW
(MHz)
3.84
3.84
3.84
3.84
3.84
(dBc)
–68.99
–72.09
–72.86
–74.34
–74.77
(dBm)
–90.43
–93.52
–94.30
–95.77
–96.20
LOWER
(dBc)
–63.94
–71.07
–71.34
–72.60
–73.26
(dBm)
–90.37
–92.50
–92.77
–94.03
–94.70
UPPER
Figure 109. Typical Single-Carrier WCDMA ACLR Performance at 2.1 GHz,
fDAC = 2457.6 MSPS (Second Nyquist Zone)
VBW 10kHz
STOP 2.4GHz
START 20MHz
STOP 2.4GHz
SWEEP 28.7s (601pts)
START 20MHz
#RES BW 10kHz
Figure 110. Single-Tone Spectrum in Mix-Mode at fOUT = 1.31 GHz,
fDAC = 2.4 GSPS
30
35
40
45
50
55
60
65
70
75
80
85
90
1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
fOUT (MHz)
Figure 111. IMD in Mix-Mode vs. fOUT at 2.4 GSPS
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
1229 1475 1720 1966 2212 2458 2703 2949 3195 3441 3686
SECOND NYQUIST ZONE
THIRD NYQUIST ZONE
FIRST ADJ CH
SECOND ADJ CH
FIFTH ADJ CH
fOUT (MHz)
Figure 112. Single-Carrier WCDMA ACLR vs. fOUT at 2457.6 MSPS
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com