Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7880ACPZ-RL Datasheet(PDF) 19 Page - Analog Devices

Part # ADE7880ACPZ-RL
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ-RL Datasheet(HTML) 19 Page - Analog Devices

Back Button ADE7880ACPZ-RL Datasheet HTML 15Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 16Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 17Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 18Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 19Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 20Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 21Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 22Page - Analog Devices ADE7880ACPZ-RL Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 19 of 104
TERMINOLOGY
Measurement Error
The error associated with the energy measurement made by the
ADE7880 is defined by
Measurement Error =
%
100
7880
×
−
Energy
True
Energy
True
ADE
by
Registered
Energy
(1)
Phase Error Between Channels
The high-pass filter (HPF) and digital integrator introduce a
slight phase mismatch between the current and the voltage
channel. The all digital design ensures that the phase matching
between the current channels and voltage channels in all three
phases is within ±0.1° over a range of 45 Hz to 65 Hz and ±0.2°
over a range of 40 Hz to 1 kHz. This internal phase mismatch
can be combined with the external phase error (from current
sensor or component tolerance) and calibrated with the phase
calibration registers.
Power Supply Rejection (PSR)
This quantifies the ADE7880 measurement error as a percen-
tage of reading when the power supplies are varied. For the ac
PSR measurement, a reading at nominal supplies (3.3 V) is
taken. A second reading is obtained with the same input signal
levels when an ac signal (120 mV rms at 100 Hz) is introduced
onto the supplies. Any error introduced by this ac signal is
expressed as a percentage of reading—see the Measurement
Error definition.
For the dc PSR measurement, a reading at nominal supplies
(3.3 V) is taken. A second reading is obtained with the same
input signal levels when the power supplies are varied ±10%.
Any error introduced is expressed as a percentage of the
reading.
ADC Offset Error
This refers to the dc offset associated with the analog inputs to
the ADCs. It means that with the analog inputs connected to
AGND, the ADCs still see a dc analog input signal. The magni-
tude of the offset depends on the gain and input range selection
(see the Typical Performance Characteristics section). However,
the HPF removes the offset from the current and voltage channels
and the power calculation remains unaffected by this offset.
Gain Error
The gain error in the ADCs of the ADE7880 is defined as the
difference between the measured ADC output code (minus the
offset) and the ideal output code (see the Current Channel ADC
section and the Voltage Channel ADC section). The difference
is expressed as a percentage of the ideal code.
CF Jitter
The period of pulses at one of the CF1, CF2, or CF3 pins is
continuously measured. The maximum, minimum, and average
values of four consecutive pulses are computed as follows:
Maximum = max(Period0, Period1, Period2, Period3)
Minimum = min(Period0, Period1, Period2, Period3)
Average =
4
3
2
1
0
Period
Period
Period
Period
+
+
+
The CF jitter is then computed as
%
100
×
−
=
Average
Minimum
Maximum
CF
JITTER
(2)
Harmonic Power Measurement Error
To measure the error in the harmonic active and reactive power
calculations made by the ADE7880, the voltage channel is supplied
with a signal comprising a fundamental and one harmonic
component with amplitudes equal to 250 mV. The current
channel is supplied with a signal comprising a fundamental
with amplitude of 50 mV and one harmonic component of the
same index as the one in the voltage channel. The amplitude of
the harmonic is varied from 250 mV, down to 250 μV, 2000 times
lower than full scale.
The error is defined by
Measurement Error =
%
100
7880
×
−
Power
True
Power
True
ADE
by
Registered
Power
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com