Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4351 Datasheet(PDF) 21 Page - Analog Devices

Part # ADF4351
Description  Wideband Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4351 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF4351 Datasheet HTML 17Page - Analog Devices ADF4351 Datasheet HTML 18Page - Analog Devices ADF4351 Datasheet HTML 19Page - Analog Devices ADF4351 Datasheet HTML 20Page - Analog Devices ADF4351 Datasheet HTML 21Page - Analog Devices ADF4351 Datasheet HTML 22Page - Analog Devices ADF4351 Datasheet HTML 23Page - Analog Devices ADF4351 Datasheet HTML 24Page - Analog Devices ADF4351 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADF4351
Rev. 0 | Page 21 of 28
RF SYNTHESIZER—A WORKED EXAMPLE
The following equations are used to program the ADF4351
synthesizer:
RFOUT = [INT + (FRAC/MOD)] × (fPFD/RF Divider)
(3)
where:
RFOUT is the RF frequency output.
INT is the integer division factor.
FRAC is the numerator of the fractional division (0 to MOD − 1).
MOD is the preset fractional modulus (2 to 4095).
RF Divider is the output divider that divides down the
VCO frequency.
fPFD = REFIN × [(1 + D)/(R × (1 + T))]
(4)
where:
REFIN is the reference frequency input.
D is the RF REFIN doubler bit (0 or 1).
R is the RF reference division factor (1 to 1023).
T is the reference divide-by-2 bit (0 or 1).
As an example, a UMTS system requires a 2112.6 MHz RF
frequency output (RFOUT); a 10 MHz reference frequency input
(REFIN) is available and a 200 kHz channel resolution (fRESOUT) is
required on the RF output.
Note that the ADF4351 VCO operates in the frequency range
of 2.2 GHz to 4.4 GHz. Therefore, the RF divider of 2 should be
used (VCO frequency = 4225.2 MHz, RFOUT = VCO frequency/
RF divider = 4225.2 MHz/2 = 2112.6 MHz).
It is also important where the loop is closed. In this example,
the loop is closed before the output divider (see Figure 30).
fPFD
PFD
VCO
N
DIVIDER
÷2
RFOUT
Figure 30. Loop Closed Before Output Divider
Channel resolution (fRESOUT) of 200 kHz is required at the output
of the RF divider. Therefore, the channel resolution at the output
of the VCO (fRES) needs to be 2 × fRESOUT, that is, 400 kHz.
MOD = REFIN/fRES
MOD = 10 MHz/400 kHz = 25
From Equation 4,
fPFD = [10 MHz × (1 + 0)/1] = 10 MHz
(5)
2112.6 MHz = 10 MHz × [(INT + (FRAC/25))/2]
(6)
where:
INT = 422.
FRAC = 13.
REFERENCE DOUBLER AND REFERENCE DIVIDER
The on-chip reference doubler allows the input reference signal
to be doubled. Doubling the reference signal doubles the PFD
comparison frequency, which improves the noise performance of
the system. Doubling the PFD frequency usually improves noise
performance by 3 dB. Note that in fractional-N mode, the PFD
cannot operate above 32 MHz due to a limitation in the speed
of the Σ-Δ circuit of the N divider. For integer-N applications,
the PFD can operate up to 90 MHz.
The reference divide-by-2 divides the reference signal by 2,
resulting in a 50% duty cycle PFD frequency. This is necessary
for the correct operation of the cycle slip reduction (CSR)
function. For more information, see the Cycle Slip Reduction
for Faster Lock Times section.
12-BIT PROGRAMMABLE MODULUS
The choice of modulus (MOD) depends on the reference signal
(REFIN) available and the channel resolution (fRES) required at the
RF output. For example, a GSM system with 13 MHz REFIN sets
the modulus to 65. This means that the RF output resolution
(fRES) is the 200 kHz (13 MHz/65) necessary for GSM. With
dither off, the fractional spur interval depends on the selected
modulus values (see Table 7).
Unlike most other fractional-N PLLs, the ADF4351 allows the
user to program the modulus over a 12-bit range. When com-
bined with the reference doubler and the 10-bit R counter, the
12-bit modulus allows the user to set up the part in many
different configurations for the application.
For example, consider an application that requires a 1.75 GHz
RF frequency output with a 200 kHz channel step resolution.
The system has a 13 MHz reference signal.
One possible setup is to feed the 13 MHz reference signal
directly into the PFD and to program the modulus to divide
by 65. This results in the required 200 kHz resolution.
Another possible setup is to use the reference doubler to create
26 MHz from the 13 MHz input signal. The 26 MHz is then fed
into the PFD, and the modulus is programmed to divide by 130.
This setup also results in 200 kHz resolution but offers superior
phase noise performance over the first setup.
The programmable modulus is also very useful for multi-
standard applications. For example, if a dual-mode phone
requires PDC and GSM 1800 standards, the programmable
modulus is of great benefit.
PDC requires 25 kHz channel step resolution, whereas GSM 1800
requires 200 kHz channel step resolution. A 13 MHz reference
signal can be fed directly to the PFD, and the modulus can be
programmed to 520 when in PDC mode (13 MHz/520 = 25 kHz).
The modulus must be reprogrammed to 65 for GSM 1800 opera-
tion (13 MHz/65 = 200 kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com