Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16136AMLZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADIS16136AMLZ
Description  짹450째/Sec Precision Angular Rate Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16136AMLZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADIS16136AMLZ Datasheet HTML 12Page - Analog Devices ADIS16136AMLZ Datasheet HTML 13Page - Analog Devices ADIS16136AMLZ Datasheet HTML 14Page - Analog Devices ADIS16136AMLZ Datasheet HTML 15Page - Analog Devices ADIS16136AMLZ Datasheet HTML 16Page - Analog Devices ADIS16136AMLZ Datasheet HTML 17Page - Analog Devices ADIS16136AMLZ Datasheet HTML 18Page - Analog Devices ADIS16136AMLZ Datasheet HTML 19Page - Analog Devices ADIS16136AMLZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADIS16136
Data Sheet
Rev. A | Page 18 of 20
APPLICATIONS INFORMATION
POWER SUPPLY CONSIDERATIONS
The ADIS16136 includes 12 µF of capacitance across the VDD
and GND pins. This capacitance presents low input impedance
for power supplies that have fast rise times. The internal power
regulator waits for a valid input supply voltage, and then goes
through a start-up process that draws an elevated current
(~400 mA) for approximately 1.5 ms. This transient current
occurs approximately 125 ms after VDD reaches a valid level.
This regulation circuit also provides a constant power load,
which results in a load that has a negative dynamic resistance.
Figure 21 provides a graphical relationship between the supply
current and voltage for systems that need to account for this
type of load when designing supply feedback loops.
Figure 21. Supply Current vs Supply Voltage
PROTOTYPE INTERFACE BOARD
The ADIS16136/PCBZ includes one ADIS16136AMLZ, one
interface PCB, and four M2 × 18 machine screws. The interface
PCB provides larger connectors than the ADIS16136AMLZ for
simpler prototyping, four tapped M2 holes for attachment of the
ADIS16136AMLZ, and four holes (machine screw size M2.5 or
No. 4) for mounting the ADIS16136AMLZ to a solid structure.
J1 and J2 are dual row, 2 mm (pitch) connectors that work with
a number of ribbon cable systems, including 3M Part Number
152212-0100-GB (ribbon crimp connector) and 3M Part Number
3625/12 (ribbon cable).
Figure 22 provides the top level view of the interface board.
Install the ADIS16136AMLZ onto this board using the silk
pattern as an orientation guide. Figure 23 provides the pin
assignments for J1 and J2. The pin descriptions match those
listed in Table 5. The ADIS16136 does not require external
capacitors for normal operation; therefore, the interface printed
circuit board (PCB) does not use the C1 and C2 pads.
Figure 22. Physical Diagram for the ADIS16136/PCBZ
Figure 23. J1 Pin Assignments
105
110
115
120
125
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
SUPPLY VOLTAGE (V)
–40˚C
+25˚C
+85˚C
iSensor
ADIS16136
MOUNTING
HOLES
RST
SCLK
DOUT
DIN
GND
VDD
DIO2
DIO4
VDD
CS1
CS2
GND
GND
VDD
DIO1
DIO3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com