Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMP521 Datasheet(PDF) 12 Page - Analog Devices

Part # ADMP521
Description  Ultralow Noise Microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP521 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADMP521 Datasheet HTML 8Page - Analog Devices ADMP521 Datasheet HTML 9Page - Analog Devices ADMP521 Datasheet HTML 10Page - Analog Devices ADMP521 Datasheet HTML 11Page - Analog Devices ADMP521 Datasheet HTML 12Page - Analog Devices ADMP521 Datasheet HTML 13Page - Analog Devices ADMP521 Datasheet HTML 14Page - Analog Devices ADMP521 Datasheet HTML 15Page - Analog Devices ADMP521 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADMP521
Data Sheet
Rev. A | Page 12 of 16
ALTERNATIVE PCB LAND PATTERNS
The standard PCB land pattern of the ADMP521 has a solid ring
around the edge of the footprint that may make routing the
microphone signals more difficult in some board designs. This
ring is used to improve the RF immunity performance of the
ADMP521; however, it is not necessary to have this full ring
connected for electrical functionality. If a design can tolerate
reduced RF immunity, this ring can either be broken or removed
completely from the PCB footprint. Figure 17 shows an example
PCB land pattern with no enclosing ring around the edge of the
part, and Figure 18 shows an example PCB land pattern with the
ring broken on two sides so that the inner pads can be more
easily routed on the PCB.
Figure 17. Example PCB Land Pattern with No Enclosing Ring
Figure 18. Example PCB Land Pattern with Broken Enclosing Ring
Note that in both of these patterns, the solid ring around the sound
port is still present; this ring is needed to ground the microphone
and for acoustic performance. The pad on the package connected
to this ring is ground and still needs a solid electrical connection to
the PCB ground. If a pattern like one of these two examples is
used on a PCB, take care that the unconnected ring on the bottom
of the ADMP521 is not placed directly over any exposed copper.
This ring on the microphone is still at ground and any PCB traces
routed underneath it need to be properly masked to avoid short
circuits.
PCB MATERIAL AND THICKNESS
The performance of the ADMP521 is not affected by PCB
thickness and can be mounted on both a rigid and flexible PCB.
A flexible PCB with the microphone can be attached directly to
the device housing with an adhesive layer. This mounting method
offers a reliable seal around the sound port, while providing the
shortest acoustic path for good sound quality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com