Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2370 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2370
Description  High Voltage, 1.2 MHz/600 kHz, 800 mA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2370 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2370 Datasheet HTML 9Page - Analog Devices ADP2370 Datasheet HTML 10Page - Analog Devices ADP2370 Datasheet HTML 11Page - Analog Devices ADP2370 Datasheet HTML 12Page - Analog Devices ADP2370 Datasheet HTML 13Page - Analog Devices ADP2370 Datasheet HTML 14Page - Analog Devices ADP2370 Datasheet HTML 15Page - Analog Devices ADP2370 Datasheet HTML 16Page - Analog Devices ADP2370 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADP2370/ADP2371
Rev. A | Page 13 of 32
M10.0µs A CH3
6.78V
1
2
T
11.40%
VOUT
VIN
INDUCTOR CURRENT
CH1 200mA
BW
CH3 1.00V BW
CH2 10.0mV
B
W
Figure 33. Line Transient, VOUT = 3.3 V, PWM Mode, 800 mA, VIN1 = 6 V to 7 V,
2 μs Rise Time, CIN = 3.3 μF
M10.0µs A CH3
6.74V
1
2
3
T
10.60%
VOUT
VIN
INDUCTOR CURRENT
CH1 200mA Ω BW
CH3 1.00V BW
CH2 50.0mV
B
W
Figure 34. Line Transient, VOUT = 5 V, PSM Mode, 100 mA, VIN1 = 6 V to 7 V,
2 μs Rise Time, CIN = 3.3 μF
M10.0µs A CH3
6.52V
1
2
T
11.00%
VOUT
VIN
INDUCTOR CURRENT
CH1 200mA
BW
CH3 1.00V BW
CH2 10.0mV
B
W
Figure 35. Line Transient, VOUT = 5 V, PWM Mode, 800 mA, VIN1 = 6 V to 7 V,
2 μs Rise Time, CIN = 3.3 μF
M20.0µs A CH1
560mA
1
2
3
T
10.40%
CH1 500mA Ω BW
CH3 500mA
BW
CH2 50.0mV
B
W
LOAD CURRENT
VOUT
INDUCTOR CURRENT
Figure 36. Load Transient, VOUT = 1.8 V, 300 mA to 800 mA,
Load Current Rise Time = 200 ns
M40.0µs A CH1
320mA
1
2
3
T
72.00%
CH1 500mA Ω BW
CH3 500mA
BW
CH2 100mV
B
W
LOAD CURRENT
VOUT
INDUCTOR CURRENT
Figure 37. Load Transient, VOUT = 1.8 V, 10 mA to 800 mA,
Load Current Rise Time = 200 ns
M10.0µs A CH1
76.0mA
1
2
3
T
50.40%
CH1 100mA Ω BW
CH3 200mA
BW
CH2 20.0mV
B
W
LOAD CURRENT
VOUT
INDUCTOR CURRENT
Figure 38. Load Transient, VOUT = 1.8 V,10 mA to 110 mA,
Load Current Rise Time = 200 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com