Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6516 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF6516
Description  31 MHz, Dual Programmable Filters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6516 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF6516 Datasheet HTML 11Page - Analog Devices ADRF6516 Datasheet HTML 12Page - Analog Devices ADRF6516 Datasheet HTML 13Page - Analog Devices ADRF6516 Datasheet HTML 14Page - Analog Devices ADRF6516 Datasheet HTML 15Page - Analog Devices ADRF6516 Datasheet HTML 16Page - Analog Devices ADRF6516 Datasheet HTML 17Page - Analog Devices ADRF6516 Datasheet HTML 18Page - Analog Devices ADRF6516 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
ADRF6516
Rev. B | Page 15 of 32
REGISTER MAP AND CODES
The filter frequency, preamplifier gain, postamplifier gain, and VGA maximum gain can be programmed using the SPI interface. Table 4
provides the bit map for the internal 8-bit register of the ADRF6516. The preamplifier, postamplifier, and VGA maximum gain code bits
(Bits[B3:B1]) are referred to elsewhere in this data sheet as Digital Gain Code 000 through Digital Gain Code 111.
Table 4. Register Map
MSB
LSB
B8
B7
B6
B5
B4
B3
B2
B1
Filter frequency code
Preamplifier gain
code
Postamplifier gain
code
VGA max gain
code
See Table 5
0 = 3 dB
1 = 6 dB
0 = 6 dB
1 = 12 dB
0 = 22 dB
1 = 28 dB
Table 5. Frequency Code vs. Corner Frequency Lookup Table
5-Bit Binary Frequency Code1
Corner Frequency (MHz)
00000
No signal
00001
1
00010
2
00011
3
00100
4
00101
5
00110
6
00111
7
01000
8
01001
9
01010
10
01011
11
01100
12
01101
13
01110
14
01111
15
5-Bit Binary Frequency Code1
Corner Frequency (MHz)
10000
16
10001
17
10010
18
10011
19
10100
20
10101
21
10110
22
10111
23
11000
24
11001
25
11010
26
11011
27
11100
28
11101
29
11110
30
11111
31
1
MSB first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com