Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6702 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF6702
Description  400 MHz to 1250 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6702 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF6702 Datasheet HTML 11Page - Analog Devices ADRF6702 Datasheet HTML 12Page - Analog Devices ADRF6702 Datasheet HTML 13Page - Analog Devices ADRF6702 Datasheet HTML 14Page - Analog Devices ADRF6702 Datasheet HTML 15Page - Analog Devices ADRF6702 Datasheet HTML 16Page - Analog Devices ADRF6702 Datasheet HTML 17Page - Analog Devices ADRF6702 Datasheet HTML 18Page - Analog Devices ADRF6702 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Data Sheet
ADRF6701
Rev. 0 | Page 15 of 36
–14
–12
–10
–8
–6
–4
–2
0
750
800
850
900
950
1000
1050
1100
1150
LO FREQUENCY (MHz)
RF OUTPUT
LO INPUT
Figure 32. Input Return Loss of LO Input (LON, LOP Driven Through MABA-
007159 1:1 Balun) and Output Return Loss of RFOUT vs. Frequency
160
180
200
220
240
260
280
300
750
800
850
900
950
1000
1050
1100
1150
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85C
Figure 33. Power Supply Current vs. Frequency and Temperature (PLL and
IQMOD Enabled, LO Buffer Disabled)
LO = 1150MHz
LO = 750MHz
Figure 34. Smith Chart Representation of RF Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com