Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR3530WBRMZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADR3530WBRMZ-R7
Description  Micropower, High Accuracy
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3530WBRMZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADR3530WBRMZ-R7 Datasheet HTML 12Page - Analog Devices ADR3530WBRMZ-R7 Datasheet HTML 13Page - Analog Devices ADR3530WBRMZ-R7 Datasheet HTML 14Page - Analog Devices ADR3530WBRMZ-R7 Datasheet HTML 15Page - Analog Devices ADR3530WBRMZ-R7 Datasheet HTML 16Page - Analog Devices ADR3530WBRMZ-R7 Datasheet HTML 17Page - Analog Devices ADR3530WBRMZ-R7 Datasheet HTML 18Page - Analog Devices ADR3530WBRMZ-R7 Datasheet HTML 19Page - Analog Devices ADR3530WBRMZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ADR3525/ADR3530/ADR3533/ADR3540/ADR3550
Data Sheet
Rev. 0 | Page 20 of 20
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-AA
0.80
0.55
0.40
4
8
1
5
0.65 BSC
0.40
0.25
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.09
3.20
3.00
2.80
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 42. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions show in millimeters
ORDERING GUIDE
Model1, 2
Output Voltage (V)
Temperature Range
Package Description
Package Option
Ordering
Quantity
Branding
ADR3525WARMZ-R7
2.500
−40°C to +125°C
8-Lead MSOP
RM-8
1000
R3C
ADR3525WBRMZ-R7
2.500
−40°C to +125°C
8-Lead MSOP
RM-8
1000
R2T
ADR3530WARMZ-R7
3.000
−40°C to +125°C
8-Lead MSOP
RM-8
1000
R3D
ADR3530WBRMZ-R7
3.000
−40°C to +125°C
8-Lead MSOP
RM-8
1000
R37
ADR3533WARMZ-R7
3.300
−40°C to +125°C
8-Lead MSOP
RM-8
1000
R3E
ADR3533WBRMZ-R7
3.300
−40°C to +125°C
8-Lead MSOP
RM-8
1000
R38
ADR3540WARMZ-R7
4.096
−40°C to +125°C
8-Lead MSOP
RM-8
1000
R3F
ADR3540WBRMZ-R7
4.096
−40°C to +125°C
8-Lead MSOP
RM-8
1000
R39
ADR3550WARMZ-R7
5.000
−40°C to +125°C
8-Lead MSOP
RM-8
1000
R3G
ADR3550WBRMZ-R7
5.000
−40°C to +125°C
8-Lead MSOP
RM-8
1000
R3B
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADR3525W/ADR3530W/ADR3533W/ADR3540W/ADR3550W models are available with controlled manufacturing to support the
quality and reliability requirements of automotive applications. Note that these automotive models may have specifications that differ
from the commercial models; therefore, designers should review the Specifications section of this data sheet carefully. Only the
automotive grade products shown are available for use in automotive applications. Contact your local Analog Devices account
representative for specific product ordering information and to obtain the specific Automotive Reliability reports for these models.
©2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09594-0-9/11(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com