Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31-71033 Datasheet(PDF) 22 Page - Amphenol Corporation

Part # 31-71033
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-71033 Datasheet(HTML) 22 Page - Amphenol Corporation

Back Button 31-71033 Datasheet HTML 18Page - Amphenol Corporation 31-71033 Datasheet HTML 19Page - Amphenol Corporation 31-71033 Datasheet HTML 20Page - Amphenol Corporation 31-71033 Datasheet HTML 21Page - Amphenol Corporation 31-71033 Datasheet HTML 22Page - Amphenol Corporation 31-71033 Datasheet HTML 23Page - Amphenol Corporation 31-71033 Datasheet HTML 24Page - Amphenol Corporation 31-71033 Datasheet HTML 25Page - Amphenol Corporation 31-71033 Datasheet HTML 26Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
BNC 75 ohm
Amphenol
®
Plugs
126
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
75
Ω BNC PLUGS AND ANGLE PLUGS
Cable
Connector
Cable Attachment
Dimensions, inches (millimeters)
Notes
75
Ω
Amphenol
Fig.
RG-/U
Configuration
Outer
Inner
a s
c •
d
CAI
Plt.
Ins.
Type
Number
11
Plug
Clamp
Solder
1.75(44.4)
.443(11.2)
—
C25
P1
D1
T2
6775-75
1
59, 62 Belden 8241, 8263,
Angle Plug
Crimp
Crimp
1.66(42.2)
.261(6.6)
1.24(31.5)
C32
P15
D1
T2
31-71010
2
8279, 9209
Angle Plug
Crimp
Crimp
1.66(42.2)
.260(6.6)
1.07(27.3)
C32
P7
D23
T2
31-71010-RFX
2
ATT 735A
Angle Plug
Crimp
Solder
1.09(27.7)
.158(4.0)
.894(22.7)
C31
P15
D1
T1
31-70082
2
ATT 19224-L2
Angle Plug
Crimp
Crimp
1.63(41.4)
.175(4.4)
1.24(31.5)
C31
P16
D1
T1
31-70015-1000
2
AT&T 734A
†
Angle Plug
Crimp
Crimp
.571(14.5)
.295(7.5)
1.36(34.5)
C31
P7
D1
T1
31-70239
2
AT&T 735A
†
Angle Plug
Crimp
Crimp
.571(14.5)
.295(7.5)
1.36(34.5)
C31
P7
D1
T1
31-70240
2
Fig. 1
31-70015-1000
31-70082
31-71010
31-71010-RFX
31-70239
31-70240
75
Ω BNC Crimp Angle Plugs
Fig. 2
• accommodates cable diameter
s includes outer ferrule
✩ supplied with two crimp ferrules
v Distributor Stocked
❇ OD = .590(15.0)
† Low Cost
75
Ω BNC Clamp Plug
6775-75
.562
(14.3)
a s
d
c•
c•
a
.562
(14.3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com