Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31-71035 Datasheet(PDF) 25 Page - Amphenol Corporation

Part # 31-71035
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-71035 Datasheet(HTML) 25 Page - Amphenol Corporation

Back Button 31-71035 Datasheet HTML 21Page - Amphenol Corporation 31-71035 Datasheet HTML 22Page - Amphenol Corporation 31-71035 Datasheet HTML 23Page - Amphenol Corporation 31-71035 Datasheet HTML 24Page - Amphenol Corporation 31-71035 Datasheet HTML 25Page - Amphenol Corporation 31-71035 Datasheet HTML 26Page - Amphenol Corporation 31-71035 Datasheet HTML 27Page - Amphenol Corporation 31-71035 Datasheet HTML 28Page - Amphenol Corporation 31-71035 Datasheet HTML 29Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
BNC 75 ohm
Amphenol
®
PCB Receptacles and Accessories
129
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
✩ Jam nuts and lockwashers sold separately. See Figs. 4 & 5 v distributor stocked
Description
Terminal
Dimensions, inches (millimeters)
Notes
Mtg.
Notes
Amphenol
Fig.
Type
a
b
e
Plt.
Ins.
Hole
Imp
Number
P26
D17
Round
75
Ω
31-71047
Standard Height
Blunt Posts
P26
D17
R/P
Iso. White Housing
Fork
75
Ω
31-71047-1010
Printed Circuit
P26
D20
Round
75
Ω
31-71046
1
Angle Bulkhead
for Signal
1.40(35.6)
.810(20.6)
.250(6.4)
P26
D20
R/P
Iso. Black Housing
Fork
75
Ω
31-71046-1010
Receptacle (J)✩
& Ground
P26
D22
Round
75
Ω
31-71043
P26
D22
R/P
Metal Housing
Fork
75
Ω
31-71043-1010
P26
D17
Round
75
Ω
31-71052
Low Profile
Blunt Posts
P26
D17
R/P
Iso. White Housing
Fork
75
Ω
31-71052-1010
P26
D17
Fork
75
Ω
31-71052-10RFX
Printed Circuit
P26
D20
Round
75
Ω
31-71053
2
Angle Bulkhead
for Signal
1.40(35.6)
.810(20.6)
.250(6.4)
P26
D20
R/P
Iso. Black Housing
Fork
75
Ω
31-71053-1010
Receptacle (J)✩
& Ground
P26
D22
R/P
Metal Housing
Round
75
Ω
31-71042
P26
D17
Round
75
Ω
31-71058
Vertical
Blunt Posts
P26
D17
V/P
Iso. White Housing
Fork
75
Ω
31-71058-1010
Printed Circuit
P26
D20
Round
75
Ω
31-71059
3
Bulkhead
for Signal
1.40(35.6)
.810(20.6)
.250(6.4)
P26
D20
V/P
Iso. Black Housing
Fork
75
Ω
31-71059-1010
Receptacle (J)✩
& Ground
P26
D22
Round
75
Ω
31-71045
P26
D22
V/P
Metal Housing
Fork
75
Ω
31-71045-1010
Hex Nut for BNC Bulkhead PCB Receptacles, Package of 100 ea.
P3
—
—
Nickel Plated
—
—
31-5652
4
Lockwasher for BNC Bulkhead PCB Receptacles, Package of 100 ea.
P3
—
—
Nickel Plated
—
—
31-5653
5
BNC PRINTED CIRCUIT BOARD BULKHEAD RECEPTACLES
Pkg. of 100, Hex Nut
for BNC Bulkhead PCB Receptacles
31-5652v Nickel Plated
Fork Pin holds connectors rigidly to
P.C. Board for high temperature and mass
production assembly
Round Pin (Standard)
Pkg. of 100, Lockwasher
for BNC PCB Bulkhead Receptacles
31-5653v Nickel Plated
Fig. 4
Fig. 5
Mtg.
Pin
Type
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com