Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA4331X Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SDA4331X
Description  PLL with I2C Bus for AM/FM Receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA4331X Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SDA4331X Datasheet HTML 1Page - Siemens Semiconductor Group SDA4331X Datasheet HTML 2Page - Siemens Semiconductor Group SDA4331X Datasheet HTML 3Page - Siemens Semiconductor Group SDA4331X Datasheet HTML 4Page - Siemens Semiconductor Group SDA4331X Datasheet HTML 5Page - Siemens Semiconductor Group SDA4331X Datasheet HTML 6Page - Siemens Semiconductor Group SDA4331X Datasheet HTML 7Page - Siemens Semiconductor Group SDA4331X Datasheet HTML 8Page - Siemens Semiconductor Group SDA4331X Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SDA 4331X
Semiconductor Group
3
04.96
1.4
Pin Definitions and Functions
Pin No. Symbol
Input (I)
Output (O)
Function
1
V
DD1
Supply voltage digital (5 V)
2
SCL
I
Clock I2C Bus
3
SDA
I/O
Data I2C Bus
4
A0
I
Address selection, sets the LSB of the IC-address
5
N.C.
6 … 9
SA1 … SA4 O
10 V open drain output, controlled via I2C Bus
10
AM/FM
O
10 V open drain output, indicating the operation
mode (H = AM)
11
FM
IN
I
Input for the FM signal from VCO
12
GND
AN
Ground analog
13
AM
IN
I
Input for the AM signal from VCO
14
N.C.
15
N.C.
16
I
REF
I
Reference current, setting the base current level
for the charge pumps
17
PD
FM
O
FM charge pump output
18
PD
AM
O
AM charge pump output
19
PD
FMA
O
Source follower output FM
20
PD
AMA
O
Source follower output AM
21
V
DD2
Supply voltage digital for charge pump and source
followers (up to 10 V)
22
OSC
FB
I/O
Oscillator feedback, quartz terminal
23
OSC
IN
I
Oscillator input, quartz terminal, optionally input
for external reference
24
GND
Ground digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com