Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA4331 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SDA4331
Description  PLL with I2C Bus for AM/FM Receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA4331 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SDA4331 Datasheet HTML 1Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 2Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 3Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 4Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 5Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 6Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 7Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 8Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
P-DSO-24-1
Semiconductor Group
1
04.96
PLL with I2C Bus for AM/FM Receivers
SDA 4331X
• Frequency resolution of 1, 5 and 10 kHz AM and 12.5, 25 and 50 kHz FM
• P-DSO-24 package
1.2
Application
The SDA 4331X provides separated input and output ports for AM and FM and is well
suited for extremely fast loop settling times in the FM mode.
Type
Ordering Code
Package
SDA 4331X
Q67100-H5139
P-DSO-24-1
1
Overview
1.1
Features
• 155 MHz FM and 40 MHz AM input frequency
• 30 mVeff AM and 50 mVeff FM sensitivity
• Additional open drain ports controlled by I2C Bus
• 2-pin quartz oscillator
• Fast phase detector with short anti-backlash pulses
and polarity reversal
• Charge pump current programmable in four steps
up to 4.5 mA


Similar Part No. - SDA4331

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA403A SSDI-SDA403A Datasheet
29Kb / 2P
6 AMPS STANDARD RECOVERY THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA403AF SSDI-SDA403AF Datasheet
147Kb / 1P
FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA403B SSDI-SDA403B Datasheet
29Kb / 2P
6 AMPS STANDARD RECOVERY THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA403BF SSDI-SDA403BF Datasheet
147Kb / 1P
FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA403C SSDI-SDA403C Datasheet
29Kb / 2P
6 AMPS STANDARD RECOVERY THREE PHASE BRIDGE RECTIFIER ASSEMBLY
More results

Similar Description - SDA4331

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4280BM TEMIC-U4280BM Datasheet
172Kb / 9P
AM / FM - PLL
logo
Sanyo Semicon Device
LC72130 SANYO-LC72130 Datasheet
306Kb / 22P
AM/FM PLL Frequency Synthesizer
logo
Siemens Semiconductor G...
SDA2120 SIEMENS-SDA2120 Datasheet
295Kb / 13P
120 MHz PLL for AM/FM Receivers
SDA2121-2 SIEMENS-SDA2121-2 Datasheet
331Kb / 16P
PLL WITH I2C BUS FOR AM/FM RECEIVERS
TDA5670-5X SIEMENS-TDA5670-5X Datasheet
730Kb / 22P
Video Modulator for FM/AM-Audio with PLL-Output
logo
TEMIC Semiconductors
U4285BM TEMIC-U4285BM Datasheet
138Kb / 10P
AM / FM - PLL
U4286BM TEMIC-U4286BM Datasheet
113Kb / 9P
AM / FM-PLL
logo
List of Unclassifed Man...
U4289BM ETC-U4289BM Datasheet
134Kb / 10P
AM / FM - PLL
logo
ATMEL Corporation
U4289BM ATMEL-U4289BM Datasheet
163Kb / 10P
AM/FM PLL with 1 Switch
logo
TEMIC Semiconductors
U4283BM TEMIC-U4283BM Datasheet
152Kb / 9P
AM / FM - PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com