Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z15J Datasheet(PDF) 65 Page - Switchcraft, Inc.

Part # Z15J
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

Z15J Datasheet(HTML) 65 Page - Switchcraft, Inc.

Back Button Z15J Datasheet HTML 61Page - Switchcraft, Inc. Z15J Datasheet HTML 62Page - Switchcraft, Inc. Z15J Datasheet HTML 63Page - Switchcraft, Inc. Z15J Datasheet HTML 64Page - Switchcraft, Inc. Z15J Datasheet HTML 65Page - Switchcraft, Inc. Z15J Datasheet HTML 66Page - Switchcraft, Inc. Z15J Datasheet HTML 67Page - Switchcraft, Inc. Z15J Datasheet HTML 68Page - Switchcraft, Inc. Z15J Datasheet HTML 69Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 101 page
background image
64
AUDIO ADAPTERS
1/4" to 1/4", RCA; RCA to RCA; & Miscellaneous Adapter Series
Ordering Information
Part Number
Description
1/4" to 1/4"
361A
Mono female to female
362A
Stereo female to female
363
Mono male to male
340
2 Mono jacks parallel to mono plug
352A
Stereo jack to mono plug
1/4" to RCA
330P
2 RCA jacks to mono plug, 4" cable
336A
Female 1/4" to male RCA
345A
Female RCA to male 1/4"
RCA to RCA
330F1
2 Female RCA parallel to 1 male RCA
330F2
1 Male and 1 female parallel to 1 male
349A
Female to female
Miscellaneous
332A
Old MC1M type to 1/4" female
365
Tini-Jax (.141") to RCA male
370A
Female RCA to Tini-Plug (.141")
374
1/4" female to Tini-Plug (.141")
376
Tini-Jax (.141") to Micro-Plug (.097")
377
Micro-Jax (.097") to Tini-Plug (.141")
44
Female 2500 Series to 1/4" plug
363
361A
340
352A
336A
345A
330P
330F2
330F1
349A
365
374
332A
44
377
370A
376
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com