Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB101-G Datasheet(PDF) 1 Page - Comchip Technology

Part # DB101-G
Description  Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DB101-G Datasheet(HTML) 1 Page - Comchip Technology

  DB101-G Datasheet HTML 1Page - Comchip Technology DB101-G Datasheet HTML 2Page - Comchip Technology DB101-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Glass Passivated Bridge Rectifiers
Page 1
REV:A
DB101-G Thru. DB107-G
Parameter
Symbol
Unit
Dimensions in inches and (millimeter)
QW-BBR69
Maximum Reverse Peak Repetitive Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward
Rectified Current @TA=40°C
Peak Forward Surage Current , 8.3ms Single
Half Sine-Wave Super Imposed On
Rated Load (JEDEC Method)
Maximum Forward Voltage At 1.0A DC
Operating Temperature Range
Storage Temperature Range
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance (Note 2)
Reverse Voltage: 50 to 1000V
Forward Current: 1.0A
RoHS Device
Maximum ratings and electrical characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
DB101-G
50
35
50
VRRM
VRMS
VDC
I(AV)
IFSM
2
I t
VF
IR
CJ
RθJA
TJ
TSTG
1.0
30
10.4
1.1
10
500
25
40
-55 ~ +150
-55 ~ +150
V
V
V
A
A
2
A s
V
μA
pF
°C
°C/W
DB
DB102-G
100
70
100
DB103-G
200
140
200
DB104-G
400
280
400
DB105-G
600
420
600
DB106-G
800
560
800
DB107-G
1000
700
1000
Comchip Technology CO., LTD.
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Thermal resistance from junction to ambient mounted on P.C.B with 0.5"×0.5" (13×13mm) copper pads.
Features
-Rating to 1000V PRV
-Ideal for printed circuit board
-Low forward voltage drop
Mechanical Data
-Polarit: As marked on Body
-Weight: 0.53 grams
-Mounting position: Any
2
I t Rating For Fusing (t<8.3ms)
Maximum DC Reverse Current
At Rated DC Blocking Voltage
@TJ=25°C
@TJ=125°C
0.059(1.50)
0.193(4.90)
0.155(3.90)
-
~
+
~
0.256(6.50)
0.244(6.20)
0.346(8.80)
0.323(8.20)
0.205(5.20)
0.197(5.00)
0.022(0.55)
0.018(0.45)
0.335(8.50)
0.307(7.80)
0.134(3.40)
0.124(3.15)
0.350(8.90)
0.300(7.60)
°C
-Epoxy: UL 94-V0 rate flame retardant.
-Case: DB, molded plastic
-High current capability


Similar Part No. - DB101-G

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
DB101-DB-1 YFWDIODE-DB101-DB-1 Datasheet
744Kb / 2P
voltage range
logo
Kingtronics Internation...
DB101-DB107 KINGTRONICS-DB101-DB107 Datasheet
334Kb / 2P
Single Phase 1.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 1.0 Amperes
DB101-DB107 KINGTRONICS-DB101-DB107_16 Datasheet
363Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 1.0 Ampere
logo
Chenmko Enterprise Co. ...
DB101-SPT CHENMKO-DB101-SPT Datasheet
105Kb / 2P
SILICON SURFACE MOUNT BRIDGE RECTIFIER
More results

Similar Description - DB101-G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com