Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB2S Datasheet(PDF) 1 Page - Comchip Technology

Part # TB2S
Description  Silicon Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TB2S Datasheet(HTML) 1 Page - Comchip Technology

  TB2S Datasheet HTML 1Page - Comchip Technology TB2S Datasheet HTML 2Page - Comchip Technology TB2S Datasheet HTML 3Page - Comchip Technology TB2S Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Reverse Voltage: 200 to 1000 Volts
Forward Current: 0.8,1.0 A
RoHS Device
Page 1
REV:A
Features
-Glass passivated chip junction.
-Plastic materrial has U/L flammability classification 94v-0.
-Save space on printed circuit boards.
-Pb free product.
Mechanical data
-Polarity: Symbol molded on body.
-Case: Molded plastic body over passivated junction.
TB2S-G Thru. TB10S-G
Parameter
Dimensions in inches and (millimeter)
TBS
QW-BBR53
Symbol
Unit
TB4S-G
TB6S-G
TB8S-G
TB10S-G
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Output Current
TL=100°C
Peak Forward Surge Current, 8.3ms Single
Half Sine-wave, Superimposed on Rated Load
(JEDEC Method)
Maximum Reverse Current @TA=25°C
at Rated DC Blocking Voltage
Operating Junction Temperature Range
Storage Temperature Range
Notes: 1. On glass epoxy P.C.B
2. On aluminum substrate
VRRM
VRMS
VDC
I (AV)
F
IFSM
VF
IR
RθJL
TJ
TSTG
400
280
400
600
420
600
800
560
800
1000
700
1000
V
V
V
30
0.95
10
-55 to +150
-55 to +150
A
A
V
μA
°C/W
°C
°C
0.028 (0.70)
0.024 (0.60)
0.012 (0.30)
0.008 (0.20)
0.264 (6.70)
Comchip Technology CO., LTD.
TB2S-G
200
140
200
Marking
TB4S
TB6S
TB8S
TB10S
TB2S
0.060 (1.45)
0.051 (1.15)
0.205 (5.20)
0.189 (4.80)
0.249 (6.30)
0.179 (4.55)
0.167 (4.25)
0.028 (0.70)
0.024 (0.60)
0.161 (4.10)
0.154 (3.90)
+
-
0.006 (0.15)
0.002 (0.05)
-High temperature soldering guaranteed:
-High surge overload rating :30A peak
260°C/10 seconds at 5 ibs.
-Terminals: Plated leads solderable per MIL-STD-750,
-Mounting position: Any.
Method 2026.
1.0
2)
0.8
1)
RθJA
25
62.5
80
Typical Thermal Junction to lead
On aluminum substrate
On glass-epoxy substrate
Maximum Instantaneous Forward Voltage
at 0.4A DC
Maximum ratings and electrical characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Silicon Bridge Rectifiers


Similar Part No. - TB2S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TB2S PANJIT-TB2S Datasheet
108Kb / 3P
MICRO SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
TB2S BILIN-TB2S Datasheet
46Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
TB2S SECOS-TB2S Datasheet
263Kb / 2P
Voltage 200V ~ 1000V 1.0 Amp Silicon Bridge Rectifiers
logo
Microdiode Semiconducto...
TB2S CHENDA-TB2S Datasheet
733Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diode Semiconductor Kor...
TB2S DSK-TB2S Datasheet
2Mb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - TB2S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com