Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T8301AX Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # T8301AX
Description  Terminator Die
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

T8301AX Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  T8301AX Datasheet HTML 1Page - Molex Electronics Ltd. T8301AX Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.96mm Pitch KK®
Crimp Terminal
2478, 18-24 AWG,
Reel, Brass Tin (Sn)
0008500105
3.96mm Pitch KK®
Crimp Terminal
2478, 18-24 AWG,
Reel, Phosphor
Bronze, Tin (Sn)
0008520071
3.96mm Pitch KK®
Crimp Terminal
2478, 18-24 AWG,
Reel, Brass, 0.51µm
Selective Gold (Au)
0008560105
3.96mm Pitch KK®
Crimp Terminal
2478, 18-24 AWG,
Reel, Phosphor
Bronze, 0.38µm
Selective Gold (Au)
0008650114
This document was generated on 03/26/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com