Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1080LU+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1080LU+
Description  Spread-Spectrum Crystal Multiplier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1080LU+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1080LU+ Datasheet HTML 1Page - Maxim Integrated Products DS1080LU+ Datasheet HTML 2Page - Maxim Integrated Products DS1080LU+ Datasheet HTML 3Page - Maxim Integrated Products DS1080LU+ Datasheet HTML 4Page - Maxim Integrated Products DS1080LU+ Datasheet HTML 5Page - Maxim Integrated Products DS1080LU+ Datasheet HTML 6Page - Maxim Integrated Products DS1080LU+ Datasheet HTML 7Page - Maxim Integrated Products DS1080LU+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Spread-Spectrum Crystal Multiplier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +125°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage on VCC Relative to GND .........................-0.5V to +3.63V
Voltage on Any Lead Relative
to GND ...............-0.5V to (VCC + 0.5V), not to exceed +3.63V
Continuous Power Dissipation (TA = +70°C)
μSOP (derate 4.5mW/°C above +70°C).......................362mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-55°C to +125°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
3.0
3.6
V
Input Logic 1
VIH
0.8 x
VCC
VCC +
0.3
V
Input Logic 0
VIL
VGND -
0.3
0.2 x
VCC
V
Input Logic Open
IIF
0V < VIN < VCC (Note 2)
±1
μA
Input Leakage
IIL
0V < VIN < VCC (Note 3)
±80
μA
fSSO < 67MHz
15
67MHz
fSSO < 101MHz
10
SSO Load
CSSO
101MHz
fSSO < 134MHz
7
pF
Crystal or Clock Input
Frequency
fIN
16.0
33.4
MHz
Crystal ESR
XESR
90
Clock Input Duty Cycle
FINDC
40
60
%
Crystal Parallel Load
Capacitance
CL
(Note 4)
18
pF
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, TA = -40°C to +125°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC1
CSSO = 15pF, SSO = 16MHz
13
mA
Power-Down Current
ICCQ
PDN = GND, all input pins open
200
μA
Output Leakage (SSO)
IOZ
PDN = GND
-1
+1
μA
Low-Level Output Voltage
(SSO)
VOL
IOL = 4mA
0.4
V
High-Level Output Voltage
(SSO)
VOH
IOH = -4mA
2.4
V
Input Capacitance (X1/X2)
CIN
(Note 5)
5
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com