Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9006 Datasheet(PDF) 39 Page - Davicom Semiconductor, Inc.

Part # DM9006
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9006 Datasheet(HTML) 39 Page - Davicom Semiconductor, Inc.

Back Button DM9006 Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 43Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
DM9006
2-port Switch with Processor Interface
Preliminary datasheet
39
DM9006-13-DS-P01
September 1, 2009
7. EEPROM FORMAT
name
Word
Description
MAC address
0~2
6 Byte Ethernet Address
Auto Load Control
3
Bit[1:0] = 01: Accept Setting of WORD4 and WORD5
Bit[3:2] = 01: Accept setting of WORD6 [4:0]
Bit[5:4] = Reserved
Bit[7:6] = 01: Accept setting of WORD7 [3:0]
Bit[9:8] = 01: Accept setting of WORD8 [4:0]
Bit[11:10] = 01: Accept setting of WORD7[13:8]
Bit[13:12] = Reserved
Bit[15:14] = 01: Accept setting of WORD7 [15:14]
Vendor ID
4
2 byte vendor ID (Default: 0A46H)
Product ID
5
2 byte product ID (Default: 9013H)
pin control
6
When word 3 bit [3:2] =01, these bits can control the CS#, IOR#, IOW#
and IRQ pins polarity.
Bit[0]
0: CS# pin is active low (default)
1: CS# pin is active high
Bit[1]
0: IOR# pin is active low (default)
1: IOR# pin is active high
Bit[2]
0: IOW# pin is active low (default)
1: IOW# pin is active high
Bit[3]
0: IRQ pin is active high (default)
1: IRQ pin is active low
Bit[4]
0: IRQ pin is force output (default)
1: IRQ pin is open-collected
Bit [15:5] = Reserved
PHY control
7
Bit[0]
0: The WOL pin is active high (default)
1: The WOL pin is active low
Bit[1]
0: The WOL pin is in level mode (default)
1: The WOL pin is in pulse mode
Bit[2]
0: magic wakeup event is disable (default)
1: magic wakeup event is enabled
Bit[3]
0: link change wakeup event is disable (default)
1: link change wakeup event is enabled
Bit[7:4] = Reserved
Bit[8] = LED mode
0: LED in normal mode (default, description see chapter 5.5)
1: LED be changed to following mode
LNK0_LED/LNK1_LED active low indicates traffic active
FDX0_LED/FDX1_LED active low indicates 100Mbps mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com