Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9010BI Datasheet(PDF) 3 Page - Davicom Semiconductor, Inc.

Part # DM9010BI
Description  Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010BI Datasheet(HTML) 3 Page - Davicom Semiconductor, Inc.

  DM9010BI Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
DM9010BI
Industrial-temperature Single Chip Ethernet Controller with General Processor Interface
Preliminary
3
Version: DM9010BI--DS-P01
January 12, 2010
6.29 TRANSMIT CHECK SUM CONTROL REGISTER (31H).................................................................................................... 24
6.30 RECEIVE CHECK SUM CONTROL STATUS REGISTER (32H).......................................................................................... 24
6.31 EXTERNAL PHYCEIVER ADDRESS REGISTER (33H).................................................................................................... 24
6.32 GENERAL PURPOSE CONTROL REGISTER 2 (34H) ....................................................................................................... 25
6.33 GENERAL PURPOSE REGISTER 2 (35H) ....................................................................................................................... 25
6.34 GENERAL PURPOSE CONTROL REGISTER 3 (36H) ....................................................................................................... 25
6.35 GENERAL PURPOSE REGISTER 3 (37H) ....................................................................................................................... 25
6.36 PROCESSOR BUS CONTROL REGISTER (38H) .............................................................................................................. 25
6.37 INT PIN CONTROL REGISTER (39H)............................................................................................................................ 26
6.38 MONITOR REGISTER 1 (40H) ...................................................................................................................................... 26
6.39 MONITOR REGISTER 2 (41H) ...................................................................................................................................... 26
6.40 SYSTEM CLOCK TURN ON CONTROL REGISTER (50H) ............................................................................................... 26
6.41 RESUME SYSTEM CLOCK CONTROL REGISTER (51H) ................................................................................................. 26
6.42 MEMORY DATA PRE-FETCH READ COMMAND WITHOUT ADDRESS INCREMENT REGISTER (F0H)............................... 26
6.43 MEMORY DATA READ COMMAND WITHOUT ADDRESS INCREMENT REGISTER (F1H) ................................................. 27
6.44 MEMORY DATA READ COMMAND WITH ADDRESS INCREMENT REGISTER (F2H) ........................................................ 27
6.45 MEMORY DATA READ ADDRESS REGISTER (F4H~F5H) .............................................................................................. 27
6.46 MEMORY DATA WRITE COMMAND WITHOUT ADDRESS INCREMENT REGISTER (F6H) ................................................ 27
6.47 MEMORY DATA WRITE COMMAND WITH ADDRESS INCREMENT REGISTER (F8H) ......................................................... 27
6.48 MEMORY DATA WRITE ADDRESS REGISTER (FAH~FBH)............................................................................................. 27
6.49 TX PACKET LENGTH REGISTER (FCH~FDH) ............................................................................................................. 27
6.50 INTERRUPT STATUS REGISTER (FEH).......................................................................................................................... 28
6.51 INTERRUPT MASK REGISTER (FFH)............................................................................................................................ 28
7. EEPROM FORMAT ........................................................................................................................................................ 29
8. MII REGISTER DESCRIPTION ................................................................................................................................... 30
8.1 BASIC MODE CONTROL REGISTER (BMCR) - 00 .......................................................................................................... 31
8.2 BASIC MODE STATUS REGISTER (BMSR) - 01 .............................................................................................................. 32
8.3 PHY ID IDENTIFIER REGISTER #1 (PHYID1) - 02 ........................................................................................................ 33
8.4 PHY ID IDENTIFIER REGISTER #2 (PHYID2) - 03 ........................................................................................................ 33
8.5 AUTO-NEGOTIATION ADVERTISEMENT REGISTER (ANAR) - 04 .................................................................................... 33
8.6 AUTO-NEGOTIATION LINK PARTNER ABILITY REGISTER (ANLPAR) – 05..................................................................... 34
8.7 AUTO-NEGOTIATION EXPANSION REGISTER (ANER) - 06 ............................................................................................. 35
8.8 DAVICOM SPECIFIED CONFIGURATION REGISTER (DSCR) - 16.................................................................................. 35
8.9 DAVICOM SPECIFIED CONFIGURATION AND STATUS REGISTER (DSCSR) - 17 ........................................................... 37
8.10 10BASE-T CONFIGURATION/STATUS (10BTCSR) - 18............................................................................................... 38
8.11 POWER DOWN CONTROL REGISTER (PWDOR) - 19 ................................................................................................... 38
8.12 (SPECIFIED CONFIG) REGISTER – 20 ............................................................................................................................ 39
9. FUNCTIONAL DESCRIPTION ..................................................................................................................................... 40
9.1 HOST INTERFACE .......................................................................................................................................................... 40
9.2 DIRECT MEMORY ACCESS CONTROL ............................................................................................................................ 40
9.3 PACKET TRANSMISSION ................................................................................................................................................ 40
9.4 PACKET RECEPTION ...................................................................................................................................................... 40
9.5 100BASE-TX OPERATION ............................................................................................................................................. 40
9.5.1 4B5B Encoder ...................................................................................................................................................... 41
9.5.2 Scrambler ............................................................................................................................................................. 41
9.5.3 Parallel to Serial Converter................................................................................................................................. 41
9.5.4 NRZ to NRZI Encoder .......................................................................................................................................... 41
9.5.5 MLT-3 Converter.................................................................................................................................................. 41
9.5.6 MLT-3 Driver ....................................................................................................................................................... 41
9.5.7 4B5B Code Group ................................................................................................................................................ 42
9.6 100BASE-TX RECEIVER ............................................................................................................................................... 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com