Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9010BIEP Datasheet(PDF) 49 Page - Davicom Semiconductor, Inc.

Part # DM9010BIEP
Description  Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010BIEP Datasheet(HTML) 49 Page - Davicom Semiconductor, Inc.

Back Button DM9010BIEP Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9010BIEP Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9010BIEP Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM9010BIEP Datasheet HTML 48Page - Davicom Semiconductor, Inc. DM9010BIEP Datasheet HTML 49Page - Davicom Semiconductor, Inc. DM9010BIEP Datasheet HTML 50Page - Davicom Semiconductor, Inc. DM9010BIEP Datasheet HTML 51Page - Davicom Semiconductor, Inc. DM9010BIEP Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9010BIEP Datasheet HTML 53Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
DM9010BI
Industrial-temperature Single Chip Ethernet Controller with General Processor Interface
Preliminary
49
Version: DM9010BI--DS-P01
January 12, 2010
10.3.5 Processor I/O Write Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
T1
System Address(SA) valid to IOW# valid
0
ns
T2
IOW# width
10
ns
T3
System Data(SD) setup time
3
ns
T4
System Data (SD) hold time
3
ns
T5
IOW# invalid to System Address(SA) invalid
0
ns
T6
IOW# Invalid to next IOW#/IOR# valid
When write DM9010BI INDEX port
1
clk*
T6
IOW# Invalid to next IOW#/IOR# valid
When write DM9010BI DATA port
2
clk*
T2+T6
IOW# valid to next IOW#/IOR# valid
When write DM9010BI memory
1
clk*
T7
System Address(SA) valid to IO16, IO32 valid
3
ns
T8
System Address(SA) invalid to IO16, IO32 invalid
3
ns
Note:(The default clk period is 20ns)
1. The IO16 is valid when the SD bus width is 16-bit or
32-bit and system address is DATA port (i.e. CMD
is high) and the value of INDEX port is memory
data register index (ex. F0H, F2H, F6H or F8H)
2. The IO32 is valid when the SD bus width is 32-bit
and system address is DATA port (i.e. CMD is high)
and the value of INDEX port is memory data
Register index (ex. F0H, F2H, F6H or F8H)
T1
T4
AEN,SA
→
→
→
←
T6
←
←
IOW
T2
→
∫∫
←
SD
→
←
T3
T8
T7
→
→
←
←
IO16,IO32
←
→
T5
Note1.2
,CMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com