Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9106EP Datasheet(PDF) 21 Page - Davicom Semiconductor, Inc.

Part # DM9106EP
Description  10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9106EP Datasheet(HTML) 21 Page - Davicom Semiconductor, Inc.

Back Button DM9106EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9106EP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9106EP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9106EP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9106EP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9106EP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9106EP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9106EP Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9106EP Datasheet HTML 25Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
DM9106
3-port switch with PCI Interface
Preliminary datasheet
21
DM9106-DS-P01
July 9, 2009
6.1.4 Miscellaneous Function (xxxxxx0cH - PCILT)
Bit
Default
Type
Description
31:24
00H
RO
Built In Self Test ( 00H means No Implementation)
23:16
00H
RO
Header Type ( 00H means single function with Predefined Header Type ).
15:8
00H
RW
Latency Timer For The Bus Master
The latency timer is guaranteed by the system and measured by clock cycles.
When the FRAME# is asserted at the beginning of a master period by the
DM9106, the value will be copied into a counter and start counting down. If the
FRAME# is de-asserted prior to count expiration, this value is meaningless. When
the count expires before GNT# is de-asserted, the master transaction will be
terminated as soon as the GNT# is removed
While GNT# signal is removed and the counter is non-zero, the DM9106 will
continue with its data transfers until the count expires. The system host will read
MIN_GNT and MAX_LAT registers to determine the latency requirement for the
device and then initialize the latency timer with an appropriate value
The reset value of Latency Timer is determined by BIOS
7:0
00H
RO
Cache Line Size For Memory Read Mode Selection ( 00H means No
Implementation For Use)
6.1.5 I/O Base Address (xxxxxx10H - PCIIO)
Bit
Default
Type
Description
31:7
Undefined
RW
PCI I/O Base Address
This is the base address value for I/O accesses cycles. It will be compared to
AD[31:7] in the address phase of bus command cycle for the I/O resource access
6:1
000000
RO
PCI I/O Range Indication
It indicates that the minimum I/O resource size is 80h
0
1
RO
I/O Space Or Memory Space Base Indicator
Determines that the register maps into the I/O space ( = 1 Indicates I/O Base)
6.1.6 Memory Mapped Base Address (xxxxxx14H - PCIMEM)
Bit
Default
Type
Description
31:7
Undefined
R/W
PCI Memory Base Address
This is the base address value for memory accesses cycles. It will be compared to
the AD [31:7] in the address phase of bus command cycle for the Memory resource
access
6:1
000000
RO
PCI Memory Range Indication
It indicates that the minimum memory resource size is 80h
0
0
RO
I/O Space Or Memory Space Base Indicator
Determines that the register maps into the memory space( = 0 Indicates Memory
Base)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com