Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9161C Datasheet(PDF) 1 Page - Davicom Semiconductor, Inc.

Part # DM9161C
Description  10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161C Datasheet(HTML) 1 Page - Davicom Semiconductor, Inc.

  DM9161C Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9161C Datasheet HTML 2Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DM9161C
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
Preliminary
1
Version: 1.1
2012/2/21
1.
Features
● Fully complies with IEEE 802.3 / IEEE
802.3u 10Base-T/ 100Base-TX, ANSI
X3T12 TP-PMD 1995 standards
● Support HP MDI/MDI-X auto crossover
function (HP Auto-MDIX)
● Support Auto-Negotiation function,
compliant with IEEE 802.3u
● Fully integrated Physical layer
transceiver On-chip filtering with direct
interface to magnetic
transformer
● Selectable repeater or node mode
● Selectable MII or RMII (Reduced MII)
mode for 100Base-TX and 10Base-TX.
Selectable
MII or GPSI (7-Wired) mode
for 10Base-T
● Selectable full-duplex or half-duplex
operation
● MII management interface with
mask-able interrupt output capability
● Provide Loopback mode for easy system
diagnostics
● LED status outputs indicate Link/ Activity,
Speed10/100 and Full-duplex/Collision.
Support Dual-LED optional control
● Single low power Supply of 3.3V with an
advanced CMOS technology
● Lower Power consumption modes:
o
Power Reduced mode (cable
detection)
o
Power Down mode
o
Selectable TX drivers for 1:1 or
1.25:1 transformers for additional
power reduction. 1.25: 1
transformers only when HP
Auto-MDIX Disable.
● Compatible with 3.3V and 5.0V tolerant
I/Os
● Pin to pin Compatible with DM9161A/B
● DSP architecture PHY Transceiver.
● 48-pin LQFP- 0.18um process
2.
General Description
DAVICOM’s DM9161C is a physical layer, low
power, and single-chip 10BASE-T/100BASE-TX
transceiver specifically designed for consumer
electronics,
industrial,
and
enterprise
applications. Through using a CMOS process,
the DM9161C has the advantage of ensuring
both high performance and savings in power
consumption.
Through utilization of automatic media speed
and protocol selection, the auto-negotiation
function is strongly supported in the DM9161C.
Then due to the built-in wave shaping filter, the
DM9161C has a significant convenience of not
requiring an external filter to transport signals to
the media in 10BASE-T or 100BASE-TX during
Ethernet operation.
Through its Media Independent Interface (MII),
the DM9161C not only connects the Medium
Access Control (MAC) layer, but the MII also
ensure a high inter-operability and flexibility with
different vendors.
In media usage applications,
the DM9161C provides a direct interface either
to an Unshielded Twisted Pair Category 5 Cable
(UTP5) for 100BASE-TX Fast Ethernet, or an
UTP5/UTP3 Cable for
10BASE-T Ethernet.
The DM9161C contains the entire physical layer
functions of 100BASE-TX. Those physical layer
functions are defined by IEEE802.3u include the
Physical Coding Sub layer (PCS), Physical
Medium
Attachment
(PMA),
Twisted
Pair
Physical
Medium
Dependent
Sub
layer
(TP-PMD),
10BASE-TX
Encoder/Decoder
(ENC/DEC), and Twisted Pair Media Access
Unit (TPMAU).


Similar Part No. - DM9161C

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161CI DAVICOM-DM9161CI Datasheet
696Kb / 47P
Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161CIEP DAVICOM-DM9161CIEP Datasheet
696Kb / 47P
Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161CIEP DAVICOM-DM9161CIEP Datasheet
106Kb / 2P
Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161CI DAVICOM-DM9161CI_1 Datasheet
106Kb / 2P
Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results

Similar Description - DM9161C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161A DAVICOM-DM9161A_09 Datasheet
456Kb / 45P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161B DAVICOM-DM9161B Datasheet
476Kb / 45P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BEP DAVICOM-DM9161BEP Datasheet
172Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9162 DAVICOM-DM9162 Datasheet
70Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9163 DAVICOM-DM9163 Datasheet
187Kb / 7P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com