Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9161CIEP Datasheet(PDF) 4 Page - Davicom Semiconductor, Inc.

Part # DM9161CIEP
Description  Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161CIEP Datasheet(HTML) 4 Page - Davicom Semiconductor, Inc.

  DM9161CIEP Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
DM9161CI
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
4
Final
Version: DM9161CI-DS-F01
February 22, 2012
1. General Description
DAVICOM’s DM9161CI is a industrial-temperature
physical layer, low power, and single-chip 10BASE-
T/100BASE-TX transceiver specifically designed for
consumer electronics, industrial, and enterprise applications.
Through using a CMOS process, the DM9161CI has
the advantage of ensuring both high performance
and savings in power consumption.
Through utilization of automatic media speed and
protocol selection, the auto-negotiation function is
strongly supported in the DM9161CI. Then due to the
built-in wave shaping filter, the DM9161CI has a
significant convenience of not requiring an external
filter to transport signals to the media in 10BASE-T or
100BASE-TX during Ethernet operation.
Through its Media Independent Interface (MII), the
DM9161CI not only connects the Medium Access
Control (MAC) layer but also ensure a high inter-
operability and flexibility for our different vendors. In
media usage applications, the DM9161CI provides a
direct interface either to an Unshielded Twisted Pair
Category 5 Cable (UTP5) for 100BASE-TX Fast
Ethernet, or an UTP5/UTP3 Cable for 10BASE-T
Ethernet. The DM9161CI contains the entire physical
layer functions of 100BASE-TX. Those physical layer
functions are defined by IEEE802.3u include the
Physical Coding Sub layer (PCS), Physical Medium
Attachment (PMA), Twisted Pair Physical Medium
Dependent
Sub
layer
(TP-PMD),
10BASE-TX
Encoder/Decoder (ENC/DEC), and Twisted Pair
Media Access Unit (TPMAU).
2. Features
Fully complies with IEEE 802.3 / IEEE 802.3u 10Base-
T/ 100Base-TX, ANSI X3T12 TP-PMD 1995
standards
Support HP MDI/MDI-X auto crossover function
(HP Auto-MDIX)
Support Auto-Negotiation function, compliant with
IEEE 802.3u
Fully integrated Physical layer transceiver On-chip
filtering with direct interface to magnetic transformer
Selectable repeater or node mode
Selectable MII or RMII (Reduced MII) mode for
100Base-TX and 10Base-TX. Selectable MII or
GPSI (7-Wired) mode for 10Base-T
Selectable full-duplex or half-duplex
operation
MII management interface with mask-able interrupt
output capability
Provide Loopback mode for
easy system diagnostics
LED status outputs indicate Link/ Activity, Speed10/100
and Full-duplex/Collision. Support Dual-
LED optional control
Single low power Supply of 3.3V with an advanced
CMOS technology, Built in 3.3V to 1.8V
regulator
Lower Power consumption modes:
Power Reduced mode (cable detection)
Power Down mode
Supports industrial-temperature (-40℃ ~ +85℃)
Selectable TX drivers for 1:1 or 1.25:1 transformers for
additional power reduction . 1.25: 1 transformers only
when HP Auto-MDIX Disable.
Compatible with 3.3V and 5.0V tolerant I/Os
DM9161CIE pin to pin Compatible with DM9161AE /
DM9161BE
DSP architecture PHY Transceiver.
48-pin LQFP - 0.18um process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com