Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9332 Datasheet(PDF) 28 Page - Davicom Semiconductor, Inc.

Part # DM9332
Description  10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9332 Datasheet(HTML) 28 Page - Davicom Semiconductor, Inc.

Back Button DM9332 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 32Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
DM9332
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
28
Preliminary datasheet
DM9332-15-DS-P01
March 5, 2012
7. EEPROM Format
name
Word
Description
RESERVED
0~2
Reserved
Auto Load Control
3
[1:0] Auto Load Control
Vendor ID
4
Vendor ID
RESERVED
6
Reserved
PHY Control
7
PHY Control
RESERVED
8~15
Reserved
Control
16
Bit 1:0=01: Accept setting of WORD 17,18
Bit 3:2=01: Accept setting of WORD 19~26
Bit 5:4=01: Accept setting of WORD 27~30
Bit 7:6=01: Accept setting of WORD 31
Bit 9:8=01: Accept setting of WORD 32~39
Bit 11:10=01: Accept setting of WORD 40~47
Bit 15:12 =01: Reserved
Switch Control 1
17
When word 16 bit 1:0 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. 52H bit 7~0
This word bit 15~8 will be loaded to Reg. 53H bit 7~0
Switch Control 2
18
When word 16 bit 1:0 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. 58H bit 7~0
This word bit 15~8 will be loaded to Reg. 59H bit 7~0
Port 0 Control 1
19
When word 16 bit 3:2 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 0 Reg. 61H bit 7~0
This word bit 15~8 will be loaded to port 0 Reg. 66H bit 7~0
Port 0 Control 2
20
When word 16 bit 3:2 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 0 Reg. 67H bit 7~0
This word bit 15~8 will be loaded to port 0 Reg. 6DH bit 7~0
Port 1 Control 1
21
When word 16 bit 3:2 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 1 Reg. 61H bit 7~0
This word bit 15~8 will be loaded to port 1 Reg. 66H bit 7~0
Port 1 Control 2
22
When word 16 bit 3:2 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 1 Reg. 67H bit 7~0
This word bit 15~8 will be loaded to port 1 Reg. 6DH bit 7~0
Port 2 Control 1
23
When word 16 bit 3:2 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 2 Reg. 61H bit 7~0
This word bit 15~8 will be loaded to port 2 Reg. 66H bit 7~0
Port 2 Control 2
24
When word 16 bit 3:2 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 2 Reg. 67H bit 7~0
This word bit 15~8 will be loaded to port 2 Reg. 6DH bit 7~0
RESERVED
25-26
Reserved
Port 0 VLAN Tag
27
When word 16 bit 5:4 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 0 Reg. 6EH bit 7~0
This word bit 15~8 will be loaded to port 0 Reg. 6FH bit 7~0
Port 1 VLAN Tag
28
When word 16 bit 5:4 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 1 Reg. 6EH bit 7~0
This word bit 15~8 will be loaded to port 1 Reg. 6FH bit 7~0
Port 2 VLAN Tag
29
When word 16 bit 5:4 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 2 Reg. 6EH bit 7~0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com