Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4591 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SFH4591
Description  Schnelle GaAlAs-IR-Lumineszenzdiode High-Speed GaAlAs Infrared Emitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH4591 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SFH4591 Datasheet HTML 1Page - Siemens Semiconductor Group SFH4591 Datasheet HTML 2Page - Siemens Semiconductor Group SFH4591 Datasheet HTML 3Page - Siemens Semiconductor Group SFH4591 Datasheet HTML 4Page - Siemens Semiconductor Group SFH4591 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Semiconductor Group
3
1998-09-08
SFH 4591
SFH 4592
Kennwerte (T
A = 25 °C)
Characteristics
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der Strahlung
Wavelength of peak emission
IF = 100 mA, tP = 20 ms
λ
peak
880
nm
Spektrale Bandbreite bei 50% von I
max
Spectral bandwidth at 50% of I
max
IF = 100 mA, tP = 20 ms
∆λ
25
nm
Abstrahlwinkel
Half angle
SFH 4591
SFH 4592
ϕ
± 7
± 18
Grad
deg.
Aktive Chipfläche
Active chip area
A
0.09
mm
2
Abmessungen der aktiven Chipfläche
Dimension of the active chip area
L
× B
L
× W
0.3
× 0.3
mm
Schaltzeiten, I
e von 10% auf 90% und von
90% auf 10%, bei I
F = 100 mA, tP = 20 ms,
RL = 50 Ω
Switching times, I
e from 10% to 90% and from
90% to10%, I
F = 100 mA, tP = 20 ms,
RL = 50 Ω
tr, tf
10
ns
Kapazität
Capacitance
VR = 0 V, f = 1 MHz
Co
35
pF
Durchla
βspannung
Forward voltage
IF = 100 mA, tp = 20 ms
IF = 1 A, tp = 100 µs
VF
VF
1.5
(≤ 2.0)
3.0
(≤ 3.8)
V
V
Sperrstrom
Reverse current
VR = 3 V
IR
0.01
(≤ 10)
µA
Gesamtstrahlungsflu
β
Total radiant flux
IF = 100 mA, tp = 20 ms
Φ
e
25
mW
Temperaturkoeffizient von I
e bzw. Φe,
IF = 100 mA
Temperature coefficient of I
e or Φe,
IF = 100 mA
TCI
– 0.44
%/K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com