Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSD3C4D2P Datasheet(PDF) 1 Page - Dialight Corporation

Part # LSD3C4D2P
Description  SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

LSD3C4D2P Datasheet(HTML) 1 Page - Dialight Corporation

  LSD3C4D2P Datasheet HTML 1Page - Dialight Corporation LSD3C4D2P Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SafeSite
® LED Linear Fixture
Class I, Div. 2 Version
Mechanical Information
Fixture Weight:
17 lbs (7.71 kg) 4’
12 lbs (5.44 kg) 2’
Shipping Weight:
19 lbs (8.62 kg) 4’
14 lbs (6.35 kg) 2’
Mounting:
(3) 3/4” NPT openings
Optional swivel bracket - LSXW4
Electrical Specifications
Operating Voltage:
100-277VAC, 50/60 Hz
Power Consumption:
100W 4’ version
50W 2’ version
Operating Temp:
-40°F to +133°F (-40°C to +55°C)
Harmonics:
EC 61000-3-2
Surge Protection:
1 kV line to line
2 kV line to ground
THD:
< 15%
Power Factor:
> 0.95
Power supply equipped with inline fuse
Construction
Body:
Powder Coated Aluminum
Lens:
Polycarbonate
Photometric Information
CRI:
> 70
CCT:
5,000K (cool white)
IES Files:
Available upon request
All values typical unless otherwise stated
Certifications
• UL 1598
• UL 1598A
• CSA 22.2 No.137-M81
• UL 844
• IP66
• NEMA 4X
Features & Benefits
• 5 year full performance warranty
• Instant on/off operation
• Resistant to water, salt, dust & vibration
• Vibration tested to UL 844 for 35 hours @ 2,000 CPM
• Resistant up to 20 PSI of hose directed water
• Universal input (100-277 VAC), 50/60Hz
• Superior color rendition index compared to HPS, LPS, MV
• Mercury Free
• Temperature compensation technology for longer life
• L70 rated for >100,000 hours @ 25°C
Application
The first of its kind, Dialight’s SafeSite
® LED linear fixture replaces fluorescent
lighting fixtures in industrial applications, hazardous locations & transit
applications.
The SafeSite LED Linear fixture’s rugged solid state design makes it highly
resistant to shock and vibration. Its fully gasketed IP 66 rated enclosure
makes it suitable for dust & wet locations, its 1598A rating guarantees added
protection from salt water spray. The SafeSite LED Linear’s superior design
allows for mounting versatility and ease of installation for many lighting
applications.
www.dialight.com
Ordering Codes
Part Number
Description
LSXW4
Swivel bracket Can be angled at 0°, 45° & 90°
LSXENDCAPKIT
Chain mount brackets
Mounting Accessory
Part Number
Length
Fixture Lumens
Class I, Div 2
Class II, Div 1
Class II, Div 2
Class III, Div 1
Class III, Div 2
LSD3C4D2P
2’
3,500
A / B / C / D
E / F / G
LSD3C4M2P
4’
7,000
A / B / C / D
E / F / G
LSF3C4D2P
2’
3,500
A / B / C / D
E / F / G
F / G
•
•
LSF3C4M2P
4’
7,000
A / B / C / D
E / F / G
F / G
•
•
3.10
(78.8)
6.40
(162.5)
47.93
(1217.5)
23.93
(607.9)
Temperature Ratings
Ambient Temperature Range
T5 Temperature Code
-40°F to +149°F (-40°C to +65°C)


Similar Part No. - LSD3C4D2P

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
104Kb / 2P
SafeSite Series LED Linear Fixture
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
182Kb / 2P
SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
613Kb / 8P
SafeSite LED Linear Fixture - UL 844 for Indoor and Outdoor Hazardous Locations
LSD3C4D2PHE DIALIGHT-LSD3C4D2PHE Datasheet
613Kb / 8P
SafeSite LED Linear Fixture - UL 844 for Indoor and Outdoor Hazardous Locations
LSD3C4D2P DIALIGHT-LSD3C4D2P_12 Datasheet
182Kb / 2P
SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
More results

Similar Description - LSD3C4D2P

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
556-1003-324F DIALIGHT-556-1003-324F Datasheet
221Kb / 2P
Class I, Div. 2 Panel Mount Indicators for 1' Mounting Hole
C-17881 DIALIGHT-C-17881 Datasheet
275Kb / 1P
1' LED PMI, FLAT LENS CLASS 1, DIV.2
CDS-425-CW-S DIALIGHT-CDS-425-CW-S Datasheet
191Kb / 2P
CD Series White LED Linear Fixture
CDS-425-RGB-S-P DIALIGHT-CDS-425-RGB-S-P Datasheet
234Kb / 2P
CD Series LED Linear RGB Fixture
LPK24 DIALIGHT-LPK24 Datasheet
760Kb / 2P
DuroSite Series LPK LED Linear Fixture
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX Datasheet
122Kb / 2P
SafeSite Series LED Linear Fixture
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
104Kb / 2P
SafeSite Series LED Linear Fixture
CDS-425-12-CW-S DIALIGHT-CDS-425-12-CW-S Datasheet
191Kb / 2P
CD Series White LED Linear Fixture
CDS-425-12-S-P DIALIGHT-CDS-425-12-S-P Datasheet
234Kb / 2P
CD Series LED Linear RGB Fixture
LSD3C4D2P DIALIGHT-LSD3C4D2P_12 Datasheet
182Kb / 2P
SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com