Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

557 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 557
Description  LED Signal Modules and Pedestrian Signals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

557 Datasheet(HTML) 2 Page - Dialight Corporation

  557 Datasheet HTML 1Page - Dialight Corporation 557 Datasheet HTML 2Page - Dialight Corporation 557 Datasheet HTML 3Page - Dialight Corporation 557 Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dialight.com
All of the LED traffic modules featured in this brochure are fully certified to the requirements of the State of
California’s Appliance Efficiency Program. Dialight is the first LED signal module manufacturer to fully support
these requirements and has received certification for both Caltrans and ITE approved products.
According to the section in CEC requirements entitled “Traffic Signals for Vehicle and Pedestrian Control” all
Federally regulated traffic signals for vehicle and pedestrian control manufactured on or after January 1, 2006
shall have a nominal wattage and maximum wattage no greater than the values shown in table M-1, and shall
be installed with the compatible electrically connected signal control interface devices and
conflict monitoring systems”. CEC also has additional requirements for pedestrian signals that are not
federally regulated. These requirements can be found in table M-2 of the CEC requirements. For reference a
copy of tables M-1 and M-2 from the CEC requirements are shown below.
California Energy Commission Approved LED Traffic Signal Modules
Appliance
Maximum Wattage
(at 74°C)
Nominal Wattage
(at 25°C)
Traffic Signal Module Type
12 - inch Red Ball
17
11
8 - inch Red Ball
13
8
12 - inch Red Arrow
12
9
12 - inch Green Ball
15
15
8 - inch Green Ball
12
12
12 - inch Green Arrow
11
11
Pedestrian Module Type
Combination Walking Man/Hand
16
13
Walking Man
12
9
Orange Hand
16
13
Table M-1
Standards for Traffic Signals for Vehicle and Pedestrian Control
Appliance
Maximum Wattage
(at 74°C)
Nominal Wattage
(at 25°C)
Hand or ‘Dont Walk’ sign or Countdown
12
10
Walking Person or ‘Walk’ sign
12
9
Table M-2
Standards for Signal Modules for Pedestrian Control
Sold or Offered for Sale in the State of California
• Allows for mounting in any orientation in the signal head
• Industry’s lowest power for all colors
• Meets or exceeds intensity, color and uniformity specification
• Temperature compensated power supplies for longer LED life
• Uniform appearance
• Transient suppression exceeds ITE and NEMA specifications (Up to 6KV ring wave)
• Manufactured with anti-capillary wires
• Conformal coated power supply
• Secondary lens treatment for abrasion resistance
• ITE products are Intertek/ETL certified and listed on ETL certification program website
• All units operate at 80-135VAC RMS, 60±3Hz
ITE and Caltrans Approved LED ARROWS
Part Number
Color
Lens Type
Typical
Wattage
at 25oC
Dominant
Wavelength
(nm)
Peak Minimum
Maintained Luminous
Intensity (cd)
Compliance
CEC
Approved
432-1314-001XOD
Red
Tinted
6
628
56.8
ITE, Omnidirectional
•
432-1374-001XOD
Red
Clear
6
628
56.8
ITE, Omnidirectional
•
431-3334-901XOD
Yellow
Tinted
6
590
141.6
ITE, Omnidirectional
•
431-3374-901XOD
Yellow
Clear
6
590
141.6
ITE, Omnidirectional
•
432-2324-001XOD
Green
Tinted
6
500
73.9
ITE, Omnidirectional
•
432-2374-001XOD
Green
Clear
6
500
73.9
ITE, Omnidirectional
•
432-1314-001
Red
Tinted
6
628
5,500 cd/m2
Caltrans
•
431-3334-001
Yellow
Tinted
8
590
11,000 cd/m2
Caltrans
•
432-2374-001
Green
Clear
7
500
11,000 cd/m2
Caltrans
•



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com