Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6PT08AI Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 6PT08AI
Description  Stansard SCRs, 6A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

6PT08AI Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  6PT08AI Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 6PT08AI Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 6PT08AI Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 6PT08AI Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 6PT08AI Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page1of5
SEMICONDUCTOR
6PTSeries RoHS
RoHS
Stansard SCRs, 6A
SYMBOL
IT RMS
(
)
RMS on state current full sine wave
-
6
ITSM
Non repetitive surge peak on state
-
current full cycle T initial = 25 C)
(
, j
°
A
I t
2
I t Value for fusing
2
24.5
A s
2
dI dt
/
Critical rate of rise of on state current
-
50
IGM
Peak gate current
PG AV
(
)
Average gate power dissipation
Tstg
Storage temperature range
Operating junction temperature range
- 40
+ 150
to
- 40
+ 125
to
ºC
A µs
/
A
A
W
UNIT
VALUE
70
73
F=50Hz
F=60Hz
t=20ms
t=16.7ms
t =10ms
p
F=60Hz
T =125ºC
j
T =125ºC
j
T =125ºC
j
T =20µs
p
Tj
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TESTCONDITIONS
Main Features
Symbol
Value
Unit
IT(RMS)
V
/V
DRM
RRM
IGT
6
A
V
mA
15
600to1000
DESCRIPTION
V
600 to1000
T =125ºC
j
VDRM
VRRM
Repetitivepeakoff-statevoltage
Repetitivepeakreversevoltage
(180°conductionangle)
4
1
Averageon-statecurrent
(180°conductionangle)
IT AV
(
)
3.8
A
1
2
3
1
2
3
2
2
2
1
2
3
TO-220AB (Non-lnsulated)
TO-251 (I-PAK)
TO-252 (D-PAK)
I = 2xl
, t
ns
G
GT
r≤100
1
2
3
TO-220AB (lnsulated)
(6PTxxF)
(6PTxxG)
(6PTxxA)
(6PTxxAI)
(G)3
1(A1)
(A2)
2
www.nellsemi.com
TO-251/TO-252/TO-220AB
TO-220ABinsulated
Tc=110°C
Tc=105°C
Maximumgatepower
PGM
W
10
T =20
p
µs
The 6PT series of silicon controlled rectifiers are high
performance glass passivated technology, and are
designedforpowersupplyupto400Hzonresistiveor
inductiveload.
T =125ºC
j
TO-251/TO-252/TO-220AB
TO-220ABinsulated
Tc=110°C
Tc=105°C


Similar Part No. - 6PT08AI

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
6PT NELLSEMI-6PT Datasheet
331Kb / 5P
Stansard SCRs, 6A
logo
M-System Co.,Ltd.
6PT MSYSTEM-6PT Datasheet
101Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6PT-1 MSYSTEM-6PT-1 Datasheet
101Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
6PT-5 MSYSTEM-6PT-5 Datasheet
101Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
logo
Nell Semiconductor Co.,...
6PT NELLSEMI-6PT_14 Datasheet
333Kb / 5P
Stansard SCRs, 6A
More results

Similar Description - 6PT08AI

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
6PT NELLSEMI-6PT_14 Datasheet
333Kb / 5P
Stansard SCRs, 6A
40PT NELLSEMI-40PT Datasheet
659Kb / 5P
Stansard SCRs
55PT NELLSEMI-55PT Datasheet
650Kb / 5P
Stansard SCRs
70PT NELLSEMI-70PT Datasheet
254Kb / 4P
Stansard SCRs
6PT NELLSEMI-6PT Datasheet
331Kb / 5P
Stansard SCRs, 6A
16PT NELLSEMI-16PT_18 Datasheet
784Kb / 6P
Stansard SCRs
25PT NELLSEMI-25PT_18 Datasheet
856Kb / 6P
Stansard SCRs
40PT NELLSEMI-40PT_18 Datasheet
751Kb / 5P
Stansard SCRs
75PT NELLSEMI-75PT Datasheet
708Kb / 5P
Stansard SCRs
30PT NELLSEMI-30PT_18 Datasheet
245Kb / 6P
Stansard SCRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com