Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8T06AF-SW Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # 8T06AF-SW
Description  TRIACs, 8A Snubberless, Logic Level and Standard
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

8T06AF-SW Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  8T06AF-SW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 8T06AF-SW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 8T06AF-SW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 8T06AF-SW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 8T06AF-SW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 8T06AF-SW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 8T06AF-SW Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.nellsemi.com
Page 5 of 7
SEMICONDUCTOR
8T Series RoHS
RoHS
1
10
100
ITM (A)
T =25°C
j
T =T max
j
j
T max.
j
Vto = 0.85 V
Rd = 50 mΩ
VTM(V)
0
10
20
30
40
50
60
70
80
90
ITSM (A)
Non repetitive
T initial=25°C
j
Repetitive
T =100°C
c
One cycle
t=20ms
Number of cycles
Fig.4 On-state characteristics (maximum values).
Fig.5 Surge peak on-state current versus number
of cycles.
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
1000
0.01
0.10
1.00
10.00
10
100
1000
tp (ms)
T initial=25°C
j
dI/dt limitation:
50A/µs
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
IGT
IH & IL
T (°C)
j
Fig.8-1 Relative variation of critical rate of decrease
of main current versus (dV/dt)c (typical values).
Snubberless & Logic Level Types
Fig.8-2 Relative variation of critical rate of
of main current versus (dV/dt)c
Standard Types
decrease
(typical values).
Fig.6 Non-repetitive surge peak on-state current
for a sinusoidal pulse with width tp < 10ms.
2
and corresponding value of l t.
Fig.7 Relative variation of gate trigger current,holding
current and latching current versus junction
temperature (typical values).
2
2
lTSM (A), l t(A s)
lGT,lH,lL[T ] / lGT,lH,lL [T =25°C]
j
j
2
I t
ITSM
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
CW/BW
TW
SW
(dV/dt)c (V/µs)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
C
B
(dV/dt)c (V/µs)
0.1
1.0
10.0
100.0
0.1
1.0
10.0
100.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com