Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2906CDB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2906CDB
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2906CDB Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM2906CDB Datasheet HTML 13Page - Texas Instruments PCM2906CDB Datasheet HTML 14Page - Texas Instruments PCM2906CDB Datasheet HTML 15Page - Texas Instruments PCM2906CDB Datasheet HTML 16Page - Texas Instruments PCM2906CDB Datasheet HTML 17Page - Texas Instruments PCM2906CDB Datasheet HTML 18Page - Texas Instruments PCM2906CDB Datasheet HTML 19Page - Texas Instruments PCM2906CDB Datasheet HTML 20Page - Texas Instruments PCM2906CDB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
PCM2906C
www.ti.com
SBFS037
– NOVEMBER 2011
DETAILED DESCRIPTION
USB INTERFACE
Control data and audio data are transferred to the PCM2906C via D+ (pin 1) and D
– (pin 2). All data to/from the
PCM2906C are transferred at full speed. The device descriptor contains the information described in Table 2.
Table 2. Device Descriptor
USB revision
2.0 compliant
Device class
0x00 (device defined interface level)
Device sub class
0x00 (not specified)
Device protocol
0x00 (not specified)
Max packet size for end-point 0
8 byte
Vendor ID
0x08BB
Product ID
0x29C6
Device release number
1.0 (0x0100)
Number of configurations
1
Vendor string
String #1 (see Table 4)
Product string
String #2 (see Table 4)
Serial number
Not supported
The configuration descriptor contains the information described in Table 3.
Table 3. Configuration Descriptor
Interface
Four interfaces
Power attribute
0x80 (Bus powered, no remote wakeup)
Max power
0xFA (500 mA)
The string descriptor contains the information described in Table 4.
Table 4. String Descriptor
#0
0x0409
#1
BurrBrown from Texas Instruments
#2
USB AUDIO CODEC
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): PCM2906C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com