Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1154 Datasheet(PDF) 11 Page - ams AG

Part # AS1154
Description  Dual LVDS Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1154 Datasheet(HTML) 11 Page - ams AG

Back Button AS1154 Datasheet HTML 7Page - ams AG AS1154 Datasheet HTML 8Page - ams AG AS1154 Datasheet HTML 9Page - ams AG AS1154 Datasheet HTML 10Page - ams AG AS1154 Datasheet HTML 11Page - ams AG AS1154 Datasheet HTML 12Page - ams AG AS1154 Datasheet HTML 13Page - ams AG AS1154 Datasheet HTML 14Page - ams AG AS1154 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1154
Revision 1.02
11 - 16
AS1154
Datasheet - Applications
Cables and Connectors
Supported transmission media include printed circuit board traces, backplanes, and cables.
Use cables and connectors with matched differential impedance (typically 100
Ω) to minimize impedance mismatches.
Balanced cables such as twisted pair offer superior signal quality and tend to generate less EMI due to magnetic field canceling effects. Bal-
anced cables pick up noise as common mode, which is rejected by the LVDS receiver.
Avoid the use of unbalanced cables such as ribbon cable or simple coaxial cable.
Board Layout
The device should be placed as close to the interface connector as possible to minimize LVDS trace length.
Keep the LVDS and any other digital signals separated from each other to reduce crosstalk.
Use a four-layer PC board that provides separate power, ground, LVDS signals, and input signals.
Isolate the input LVDS signals from each other and the output LVCMOS/LVTTL signals from each other to prevent coupling.
Separate the input LVDS signals from the output signals planes with the power and ground planes for best results.
Figure 20. Driver Propagation Delay and Transition Time Waveforms
tTHL
tTLH
tPLHD
tPHLD
0 Differential
1.5V
20%
80%
0
20%
OUTx-
OUTx+
INx
VOH
VOL
0
1.5V
VDIFF = (VOUTx+) - (VOUTx-)
80%
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com