| Electronic Components Datasheet Search |
|
AS8221_V3 Datasheet(PDF) 19 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8221_V3 Datasheet(HTML) 19 Page - ams AG |
|
19 / 42 page ![]() AS8221 Datasheet - Application In form atio n www.austriamicrosystems.com/flexray/AS8221 Revision 1.7 19 - 42 9.1 Fail Silent Behavior 9.1.1 RxEN / BGE timeout In case no edges on RxEN and BGE within tTxEN_timeout are detected, the transmitter will stop transmitting the signals on RxD to the bus pins. 9.1.2 State Transitions due to Undervoltage Detection In case of VBAT or VIO undervoltage is detected, SLEEP mode will be entered regardless the status of EN and STBN. In case VCC undervoltage is detected, STANDBY mode will be entered regardless the status of EN and STBN. VBAT and VIO undervoltage detection have higher priority than VCC undervoltage detection. In case undervoltage at VBAT and VCC is detected, POWER-OFF mode is entered (bus state: Idle_HZ). 9.1.3 State Transitions due to Voltage Recovery Detection If the voltage recovers the device will enter the mode selected by the EN and STBN pins, in case no undervoltage is present at the other supply pins. Starting from the POWER-OFF, the device enters the state selected by the host input pins (EN, STBN) only if VBAT or VCC recovers (VBAT VBATTHH or VCC VCCTHH) while VIO is available (undervoltage flag of VIO flag not set). If the VIO undervoltage flag is set, the STANDBY mode will be entered. In both cases the Power-On flag is set. If VBAT VBATTHL and VCC VCCTHL the device will be in POWER-OFF state, thus the bus wires are not terminated (bus state: Idle_HZ). 9.2 Mode Transitions In case of power-off event, the device enters POWER-OFF regardless VIO undervoltage flag, wake-up flags and regardless the selection at the host input pins. Starting from the POWER-OFF the device enters STANDBY only in case a power on event occurs. Starting from every operating mode the device enters SLEEP in case VBAT or VIO undervoltage flag is set regardless the VCC undervoltage flag, the wake-up flag and the state of the host input pins. Starting from every operating mode except SLEEP the device enters STANDBY in case VCC undervoltage flag is set and VBAT and VIO undervoltage flags are not set, regardless the wake-up flag indication and the host input pins state. Starting from a low-power mode the device enters the operation mode indicated by the host input pins if a wake-up event occurs. In case all the undervoltage flags are reset the operation mode is selected by the wake-up flag and the host pins according to Table 6. Where: H = Digital level high, L = Digital level low, X = Do not care!, Floating = The analog output is not driven. Table 6. Pin Signalling and Operating Modes Inputs Operation Mode OutPut STBN EN RxD ERRN RxEN INH1 INH2 HH NORMAL L Bus = Data_0 NOT [Error flag] L Bus = Active HH H Bus = Idle or Data_1 H Bus = Idle H L RECEIVE-ONLY L Bus = Data_0 NOT [Error flag] L Bus = Active HH H Bus = Idle or Data_1 H Bus = Idle L H GO-TO-SLEEP NOT [Wake-up flag] NOT [Wake-up flag] NOT [Wake-up flag] H Floating L L STANDBY NOT [Wake-up flag] NOT [Wake-up flag] NOT [Wake-up flag] H Floating L X SLEEP NOT [Wake-up flag] NOT [Wake-up flag] NOT [Wake-up flag] Floating Floating X X POWER-OFF H L H Floating Floating |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |