| Electronic Components Datasheet Search |
|
AS8530 Datasheet(PDF) 19 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8530 Datasheet(HTML) 19 Page - ams AG |
|
19 / 32 page ![]() www.austriamicrosystems.com/Lin_CompanionIC/AS8530 Revision 1.1 19 - 32 AS8530 Datasheet - Application In form atio n 8.2 Wake-Up If the regulator is put into sleep/standby mode, it can be woken up with the BUS interface. A transition on the BUS (high to low) with a minimum predefined low time (twake) puts the regulator into normal mode. 8.3 Over-Temperature Shutdown If the junction temperature increases beyond Tsd the over-temperature recognition will be activated and the regulator voltage will be switched off. The VCC voltage drops down, the reset state is entered and the bus transceiver is switched off (recessive state). After TJ falls below Tret, the AS8530 will be initialized again. This initialization starts independently from the voltage levels on EN and BUS. Within the thermal shutdown mode, the transceiver cannot switch to the normal mode either with local or with remote wake-up. The operation of the AS8530 is possible between TJ (125ºC) and the switch off temperature Tsd, but small parameter differences can appear. After over-temperature switch-off, the IC initializes as explained in Initialization on page 18. The low slew mode for LIN Transceiver has to be selected again on re-initialization, if necessary. 8.4 LIN BUS Transceiver The AS8530 has an integrated bi-directional bus interface device for data transfer between LIN bus and the LIN protocol controller. The transceiver consists of a driver with slew rate control, wave shaping and current limitation and a receiver with high voltage comparator followed by a de-bouncing unit. 8.4.1 Transmit Mode During transmission the data at the pin TX will be transferred to the BUS driver to generate a bus signal. To minimize the electromagnetic emission of the bus line, the BUS driver has an integrated slew rate control and wave shaping unit. Transmitting will be interrupted in the following cases: Sleep mode Thermal Shutdown active Master Reset (VSUP < Vsuvr_on) The recessive BUS level is generated from the integrated 30k pull up resistor in serial with an active diode This diode prevents the reverse current of VBUS during differential voltage between VSUP and BUS (VBUS>VSUP). No additional termination resistor is necessary to use the AS8530 in LIN slave nodes. If this IC is used for LIN master nodes it is necessary that the BUS pin is terminated via an external 1k Ω resistor in series with a diode to VBAT. Table 4. VSUP>Vsuvr_on and VCC<Vuvr_on Block Output Signal TRANSCEIVER = Enabled (disabled only during initial VSUP ramp-up) LIN = high-z, RX = follows V LDO = Enabled (disabled only during initial ramp-up) VCC = low RELAY DRIVER = Enabled LDRIVE1 = high, LDRIVE2 = high RESET = Enabled RESET = high-z RESISTIVE DIVIDER = Enabled VBAT= high, VBAT_DIV = enabled Table 5. VSUP<Vsuvr_on Block Output Signal TRANSCEIVER = Disabled LIN = high-z, RX = high-z LDO = Disabled VCC = low RELAY DRIVER = Disabled LDRIVE1 = high, LDRIVE2 = high RESET = Disabled RESET = high-z RESISTIVE DIVIDER = Disabled VBAT = high, VBAT_DIV = low |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |