Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXD301 Datasheet(PDF) 4 Page - Elektron Components Ltd.

Part # PXD301
Description  IEC DISTRIBUTION UNITS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PXD301 Datasheet(HTML) 4 Page - Elektron Components Ltd.

  PXD301 Datasheet HTML 1Page - Elektron Components Ltd. PXD301 Datasheet HTML 2Page - Elektron Components Ltd. PXD301 Datasheet HTML 3Page - Elektron Components Ltd. PXD301 Datasheet HTML 4Page - Elektron Components Ltd. PXD301 Datasheet HTML 5Page - Elektron Components Ltd. PXD301 Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.elektron-bulgin.com
102
IEC DISTRIBUTION UNITS
PXD200
PXD201
M3 CLEAR
135.0 CRS
FIXING DETAILS
Four Outlets
EN60320 Inlet
10A, 250V ac
cULus Approval
Four Outlets
2m Cable with BS1363
connector, Schuko connector
(CEE7) or NEMA 5/15
connector
10A, 250V a.c.
IEC Rectangular Distribution Units
COMPACT DISTRIBUTION UNIT
COMPACT DISTRIBUTION UNIT
Specification
Mouldings:
Thermoplastic
Housing:
ABS, UL94V-0
Connectors:
BS1363, CEE7, NEMA 5/15
Contacts:
Outlets: Brass, Tin Plated
Inlets: Brass, Nickel Plated
Voltage Rating:
250V a.c. 50/60Hz
Current Rating:
10A
Proof Voltage:
2kV
Temp. Range:
–5˚C to +60˚C
Approvals:
Listed
(PXD200)
Compliant
Part No.
Inlet
Outlet
PXD200
14
PXD201
2m cable with BS 1363 plug
4
PXD201/1
2m cable with Schuko plug
4
PXD201/2
2m cable with NEMA 5/15
4
Conns7 - Dist Units- 2010:Conns7 - Dist Units- 2005
8/6/10
16:49
Page 102



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com