Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX0410/02S/3035 Datasheet(PDF) 4 Page - Elektron Components Ltd.

Part # PX0410/02S/3035
Description  400 Series Buccaneer짰
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0410/02S/3035 Datasheet(HTML) 4 Page - Elektron Components Ltd.

  PX0410/02S/3035 Datasheet HTML 1Page - Elektron Components Ltd. PX0410/02S/3035 Datasheet HTML 2Page - Elektron Components Ltd. PX0410/02S/3035 Datasheet HTML 3Page - Elektron Components Ltd. PX0410/02S/3035 Datasheet HTML 4Page - Elektron Components Ltd. PX0410/02S/3035 Datasheet HTML 5Page - Elektron Components Ltd. PX0410/02S/3035 Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.elektron-bulgin.com
42
BUCCANEER FOR POWER
CRIMP CONTACTS
Pole
Current Rating
Pin
Socket
Pack Qty
Cable Acceptance (dia)
2, 3
8A
SA3350
SA3349
10
20 - 24 AWG
4, 6, 8
5A
SA3348
SA3347
10
22 - 26 AWG
10, 12
1A
SA3180
SA3179
10
24 - 28 AWG
SOLDER CONTACTS
Pole
Current Rating
Pin
Socket
Pack Qty
Cable Acceptance (dia)
2, 3
8A
SA3350/1
SA3349/1
10
20 - 24 AWG
4, 6, 8
5A
SA3348/1
SA3347/1
10
22 - 26 AWG
10, 12
1A
SA3180/1
SA3179/1
10
24 - 28 AWG
CONTACT INSERTION TOOLS
Poles
Contact
Colour
Part No
rating
Insertion/Extraction Tool
2,3
8A
Blue
13027/2
Insertion/Extraction Tool
4,6,8
5A
Red
13027/1
Insertion/Extraction Tool
10,12
1A
Green
13027
CRIMP TOOLS
Pole
Contact
Colour
Part No
rating
Positioner
2,3
8A
Blue
14025/8AMP
Positioner
4,6,8
5A
Red
14025/5AMP
Positioner
10,12
1A
Green
14025/1AMP
8 Indent Crimp Tool for use with positioners
14025
Plugs
Contact numbers viewed from rear of panel
CONTACT LAYOUT
2 pole
3 pole
4 pole
6 pole
8 pole
10 pole
12 pole
(8 Amp)
(8 Amp)
(5 Amp)
(5 Amp)
(5 Amp)
(1 Amp)
(1 Amp)
PCB CONTACT LAYOUT
Sockets
Contact numbers viewed from rear of panel
400 Series Buccaneer
Conns4 - Buccaneer 2010 - Power:Conns4 - Buccaneer 2005v8
8/6/10
16:34
Page 42



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com