Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5045_V1 Datasheet(PDF) 5 Page - ams AG

Part # AS5045_V1
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045_V1 Datasheet(HTML) 5 Page - ams AG

  AS5045_V1 Datasheet HTML 1Page - ams AG AS5045_V1 Datasheet HTML 2Page - ams AG AS5045_V1 Datasheet HTML 3Page - ams AG AS5045_V1 Datasheet HTML 4Page - ams AG AS5045_V1 Datasheet HTML 5Page - ams AG AS5045_V1 Datasheet HTML 6Page - ams AG AS5045_V1 Datasheet HTML 7Page - ams AG AS5045_V1 Datasheet HTML 8Page - ams AG AS5045_V1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
5 – 33
Pin
Symbol
Type
Description
5
NC
-
Must be left unconnected
6
Mode
-
Select between slow (low, VSS) and fast (high, VDD5V) mode. Internal pull-down
resistor.
7
VSS
S
Negative Supply Voltage (GND)
8
Prog_DI
DI_PD
OTP Programming Input and Data Input for Daisy Chain mode. Internal pull-
down resistor (~74k
Ω). Connect to VSS if not used
9
DO
DO_T
D
ata Output of Synchronous Serial Interface
10
CLK
DI, ST
Cl
ock Input of Synchronous Serial Interface; Schmitt-Trigger input
11
CSn
DI_PU, ST
C
hip Select, active low; Schmitt-Trigger input, internal pull-up resistor (~50k
Ω)
12
PWM
DO
P
ulse Width Modulation of approx. 244Hz; 1µs/step (opt. 122Hz; 2µs/step)
13
NC
-
Must be left unconnected
14
NC
-
Must be left unconnected
15
VDD3V3
S
3V-Regulator Output, internally regulated from VDD5V. Connect to VDD5V for
3V supply voltage. Do not load externally.
16
VDD5V
S
Positive Supply Voltage, 3.0 to 5.5 V
DO_OD
digital output open drain
S
supply pin
DO
digital output
DI
digital input
DI_PD
digital input pull-down
DO_T
digital output /tri-state
DI_PU
digital input pull-up
ST
Schmitt-Trigger input
6
Electrical Characteristics
6.1
AS5045 Differences to AS5040
All parameters are according to AS5040 datasheet except for the parameters shown below:
Building Block
AS5045
AS5040
Resolution
12bits, 0.088°/step.
10bit, 0.35°/step
Data length
Read: 18bits
(12bits data + 6 bits status)
OTP write: 18 bits
(12bits zero position + 6 bits mode selection)
Read: 16bits
(10bits data + 6 bits status)
OTP write: 16 bits
(10bits zero position + 6 bits mode selection)
Incremental
encoder
Not used
Pin 3: not used
Pin 4:not used
Quadrature, step/direction and BLDC motor
commutation modes
Pin 3:incremental output A_LSB_U
Pin 4:incremental output B_DIR_V
Pins 1 and 2
MagINCn, MagDECn: same feature as
AS5040, additional OTP option for red-
yellow-green magnetic range
MagINCn, MagDECn indicate in-range or
out-of-range magnetic field plus movement
of magnet in z-axis
Pin 6
MODE pin, switch between fast and slow
mode
Pin 6:Index output
Pin 12
PWM output: frequency selectable by OTP:
1µs / step, 4096 steps per revolution,
f=244Hz 2µs/ step, 4096 steps per
revolution, f=122Hz
PWM output:
1µs / step, 1024 steps per revolution,
976Hz PWM frequency
Sampling
frequency
Selectable by MODE input pin:
2.5kHz, 10kHz
Fixed at 10kHz @10bit resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com