Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5045ASSU Datasheet(PDF) 4 Page - ams AG

Part # AS5045ASSU
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045ASSU Datasheet(HTML) 4 Page - ams AG

  AS5045ASSU Datasheet HTML 1Page - ams AG AS5045ASSU Datasheet HTML 2Page - ams AG AS5045ASSU Datasheet HTML 3Page - ams AG AS5045ASSU Datasheet HTML 4Page - ams AG AS5045ASSU Datasheet HTML 5Page - ams AG AS5045ASSU Datasheet HTML 6Page - ams AG AS5045ASSU Datasheet HTML 7Page - ams AG AS5045ASSU Datasheet HTML 8Page - ams AG AS5045ASSU Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
4 – 33
5
Pinout
5.1
Pin Configuration
Figure 2. Pin Configuration SSOP16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
MagINCn
MagDECn
NC
NC
NC
Mode
VSS
Prog_DI
DO
CLK
CSn
PWM
NC
NC
VDD3V3
VDD5V
5.2
Pin Description
Table 1
shows the description of each pin of the standard SSOP16 package (Shrink Small Outline Package, 16
leads, body size: 5.3mm x 6.2mmm; see Figure 2).
Pins 7, 15 and 16 supply
pins, pins 3, 4, 5, 6, 13 and 14 are for internal use and must not be connected.
Pins 1 and 2 MagINCn and MagDECn
are the magnetic field change indicators (magnetic field strength increase or
decrease through variation of the distance between the magnet and the device). These outputs can be used to
detect the valid magnetic field range. Furthermore those indicators can also be used for contact-less push-button
functionality.
Pin 6 Mode
allows switching between filtered (slow) and unfiltered (fast mode). This pin must be tied to VSS or
VDD5V, and must not be switched after power up. See chapter 8 Mode Input Pin.
Pin 8 Prog
is used to program the zero-position into the OTP (see chapter 11.1 Zero Position Programming).
This pin is also used as digital input to shift serial data through the device in Daisy Chain configuration,
(see chapter 8.2 Daisy Chain Mode).
Pin 11 Chip Select
(CSn; active low) selects a device within a network of AS5045 encoders and initiates serial data
transfer. A logic high at CSn puts the data output pin (DO) to tri-state and terminates serial data transfer. This pin is
also used for alignment mode (Figure 14) and programming mode (Figure 10).
Pin 12 PWM
allows a single wire output of the 10-bit absolute position value. The value is encoded into a pulse width
modulated signal with 1µs pulse width per step (1µs to 4096µs over a full turn). By using an external low pass filter,
the digital PWM signal is converted into an analog voltage, making a direct replacement of potentiometers possible.
Table 1.
Pin Description
Pin
Symbol
Type
Description
1
MagINCn
DO_OD
Magnet Field Magnitude INCrease; active low, indicates a distance reduction
between the magnet and the device surface. See Table 5
2
MagDECn
DO_OD
Magnet Field Magnitude DECrease; active low, indicates a distance increase
between the device and the magnet. See Table 5
3
NC
-
Must be left unconnected
4
NC
-
Must be left unconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com